Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13143 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC13143
Description  Ultra Low Power DC-2.4 GHz Linear Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13143 Datasheet(HTML) 8 Page - Motorola, Inc

  MC13143 Datasheet HTML 1Page - Motorola, Inc MC13143 Datasheet HTML 2Page - Motorola, Inc MC13143 Datasheet HTML 3Page - Motorola, Inc MC13143 Datasheet HTML 4Page - Motorola, Inc MC13143 Datasheet HTML 5Page - Motorola, Inc MC13143 Datasheet HTML 6Page - Motorola, Inc MC13143 Datasheet HTML 7Page - Motorola, Inc MC13143 Datasheet HTML 8Page - Motorola, Inc MC13143 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC13143
8
MOTOROLA RF/IF DEVICE DATA
Figure 11. Circuit Side View
Mx Lin
Cont
Mixer In
Rev A
VCC
LO
Input
Gnd
MC13143D
IF
Out
NOTES: Critical dimensions are 50 mil centers lead to lead in SO–8 footprint.
Also line widths to labeled ports excluding VCC are 50 mil.
Figure 12. Ground Side View
Mx Lin
Cont
Mixer In
Rev A
VCC
LO
Input
MC13143D
IF
Out
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC13143

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Similar Description - MC13143

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PM210 SJM-PM210 Datasheet
350Kb / 5P
   Ultra-linear Mixer
PM210 SJM-PM210_V01 Datasheet
447Kb / 9P
   Ultra-linear Mixer
PM213 SJM-PM213 Datasheet
416Kb / 7P
   Ultra-linear Mixer
PM485 SJM-PM485 Datasheet
454Kb / 12P
   Ultra-linear Mixer
logo
Fairchild Semiconductor
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Fairchild Semiconductor
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com