Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0001.1005 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0001.1005
Description  Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.1005 Datasheet(HTML) 2 Page - Schurter Inc.

  0001.1005 Datasheet HTML 1Page - Schurter Inc. 0001.1005 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
SP 5x20
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
max. [mW]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.5
250
1)
1800
830
2500
2400
0.098
l
l
 
l
l
0001.1001
0.63
250
1)
1500
800
2500
2400
0.207
l
l
 
l
l
0001.1002
0.8
250
1)
1200
580
2500
2400
0.469
l
l
 
l
l
0001.1003
1
250
1)
1000
600
2500
2500
0.75
l
l
l
l
l
0001.1004
1.25
250
1)
800
270
4000
1000
0.538
l
l
l
l
l
0001.1005
1.6
250
1)
600
350
4000
1600
0.755
l
l
l
l
l
0001.1006
2
250
1)
500
260
4000
1600
2
l
l
l
l
l
0001.1007
2.5
250
1)
400
260
4000
1900
3.28
l
l
l
l
l
0001.1008
3.15
250
1)
350
210
4000
1900
6.78
l
l
l
l
l
0001.1009
4
250
1)
300
200
4000
2400
12.6
l
l
l
l
l
0001.1010
5
250
1)
250
160
4000
2400
30.8
l
l
l
l
l
0001.1011
6.3
250
1)
200
150
4000
3200
36.7
l
l
l
l
l
0001.1012
8
250
1)
200
140
4000
3900
81.9
l
l
l
 
l
0001.1013
10
250
1)
200
130
4000
4700
141
l
l
l
 
l
0001.1014
12.5
250
2)
-
110
-
6900
203
 
l
l
 
 
0001.1015
16
250
2)
-
120
-
7400
461
 
l
 
 
 
0001.1016
1)IEC:H=1500A@250VAC,p.f.=0.7-0.8
1)UL:10kA@125VAC,p.f.=0.7-0.8/1500A@250VAC,p.f.=0.7-0.8
2)IEC:1000A@250VAC
2)UL:500A@125VAC,p.f.=0.7-0.8/1000A@125VAC/500A@250VAC
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 4 A
5 – 6.3 A
_> 8 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0001.1005

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0001.1005.PT SCHURTER-0001.1005.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
0001.1005.TR SCHURTER-0001.1005.TR Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results

Similar Description - 0001.1005

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20 Datasheet
303Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
00341527 SCHURTER-00341527 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
FSK5X20 SCHURTER-FSK5X20_V01 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
29.09.2021
FSK5X20 SCHURTER-FSK5X20_V02 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
04.01.2022
FSF5X20 SCHURTER-FSF5X20_V02 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
04.01.2022
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com