Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4962US Datasheet(PDF) 3 Page - Semtech Corporation

Part # 1N4962US
Description  Surface Mount(US),5 WATT Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4962US Datasheet(HTML) 3 Page - Semtech Corporation

  1N4962US Datasheet HTML 1Page - Semtech Corporation 1N4962US Datasheet HTML 2Page - Semtech Corporation 1N4962US Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2010 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N4954US THRU 1N4990US
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
i
r
c
s
e
D
S
U
4
5
9
4
N
1
U
R
H
T
S
U
0
9
9
4
N
1
t
n
u
o
M
e
c
a
f
r
u
S
)
1
(
Note:
(1) Available in bulk or tape and reel packaging. Please
consult factory for quantities.
Ordering Information
Outline Drawing
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
s
n
o
i
s
n
e
m
i
D
M
I
D
N
s
e
h
c
n
I
s
r
e
t
e
m
il
li
M
e
t
o
N
N
I
M
X
A
M
N
I
M
X
A
M
L
B
0
0
2
.
5
2
2
.
8
0
.
5
2
7
.
5
-
T
C
E
9
1
0
.
0
8
2
0
.
0
8
4
.
0
2
7
.
0
-
S
3
0
0
.
0
8
0
.
0
-
D
B
7
3
1
.
0
8
4
1
.
0
8
4
.
3
6
7
.
3
-


Similar Part No. - 1N4962US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4962US MICROSEMI-1N4962US Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4962US MICROSEMI-1N4962US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
logo
Sensitron
1N4962US SENSITRON-1N4962US Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
1N4962US SENSITRON-1N4962US Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
More results

Similar Description - 1N4962US

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4460US SEMTECH-1N4460US Datasheet
72Kb / 3P
   Surface Mount(US) 1.5 WATT Voltage Regulators
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com