Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T9-711C-6A Datasheet(PDF) 1 Page - Schurter Inc.

Part # T9-711C-6A
Description  Resettable Thermal Circuit Breaker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

T9-711C-6A Datasheet(HTML) 1 Page - Schurter Inc.

  T9-711C-6A Datasheet HTML 1Page - Schurter Inc. T9-711C-6A Datasheet HTML 2Page - Schurter Inc. T9-711C-6A Datasheet HTML 3Page - Schurter Inc. T9-711C-6A Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
–Thermal circuit breaker
–Supplementary protector for general industrial use
–Cycling trip-free release
–Reset type
–Single pole
–Mounting style: T9-311: Threaded neck
T9-611: Snap-in front side
T9-711: Snap-in rear side
Standards
–IEC 60934
–UL1077
–CSA C22.2 235
–GB17701
Applications
–Power supplies
–UPS
–Power tools
–Household appliances
–Industrial appliances
–Medical diagnostic appliances
–HVAC
Weblinks
Approvals: http://www.schurter.com/approvals
RoHS: http://www.schurter.com/rohs
T9-311: Threaded neck
T9-311 with cover TZZ31
T9-611: Snap-in from front side
T9-711: Snap-in from back side
Resettable Thermal Circuit Breaker,Single Pole, 4–16 A
Technical Data
Rated voltage
AC 240 V, 50/60 Hz
(see approvals)
DC 48/32 V
Rated current
4–16 A
Conditional short circuit capacitiy
IEC: Inc, PC1, AC 240 V2 kA
CSA: SC, AC 240 V/DC48/32 V2 kA, C1
Overload rating
According to CSA C22.2 235
OL0 240 VAC
OL0 48 VDC and 32 VDC
Degree of protection
Accessible range
IP 40
Termination range
IP 00
Endurance minimum
IEC: 200% In, cos phi 0.6
min. 50 cycles
Endurance typical
4–8 A: 150% In, cos phi 0.9
2500 cycles
10–16 A: 150% In, cos phi 0.9
6000 cycles
Dielectric strength
AC 1500 V
Insulation resistance
DC 500 V> 100 MΩ
Ambient temperature
5–16 A-5°Cto60°C
4A
-5 °C to 50 °C
Type of actuation
Reset Type (manual)
R
Type of tripping
Cycling trip-free
Weight
9g
Rated current
Internal resistance
(mΩ)
Rated current
Internal resistance
(mΩ)
4A
21.6
10 A7.3
5A
23.6
12 A7.0
6A
16.3
14 A4.8
7A
15.3
15 A4.3
8A
12.9
16 A3.9
Typical internal resistance
23
circuit breakers
circuit breakers
circuit breakers


Similar Part No. - T9-711C-6A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-711 SCHURTER-T9-711 Datasheet
297Kb / 3P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711 Datasheet
333Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711 Datasheet
344Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711_18 Datasheet
333Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711_V01 Datasheet
344Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
More results

Similar Description - T9-711C-6A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
Schurter Inc.
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
   Thermal Circuit Breaker
logo
PHOENIX CONTACT
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com