Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54060DRC Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54060DRC
Description  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54060DRC Datasheet(HTML) 1 Page - Texas Instruments

  TPS54060DRC Datasheet HTML 1Page - Texas Instruments TPS54060DRC Datasheet HTML 2Page - Texas Instruments TPS54060DRC Datasheet HTML 3Page - Texas Instruments TPS54060DRC Datasheet HTML 4Page - Texas Instruments TPS54060DRC Datasheet HTML 5Page - Texas Instruments TPS54060DRC Datasheet HTML 6Page - Texas Instruments TPS54060DRC Datasheet HTML 7Page - Texas Instruments TPS54060DRC Datasheet HTML 8Page - Texas Instruments TPS54060DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DRC
DGQ
EFFICIENCY
vs
LOADCURRENT
0
10
20
30
40
50
60
70
80
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
LoadCurrent- A
100
90
0.45
0.5
V =12V,
V =3.3V,
f
=500kHz
I
O
sw
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54060
EN
RT /CLK
SS /TR
PWRGD
TPS54060
www.ti.com
SLVS919A – JANUARY 2009 – REVISED JULY 2010
0.5A, 60V STEP DOWN
SWIFT™ DC/DC CONVERTER WITH ECO-MODE™
Check for Samples: TPS54060
1
FEATURES
0.8-V Internal Voltage Reference
2
3.5V to 60V Input Voltage Range
MSOP10 and 3mm x 3mm SON Package With
PowerPAD™
200-m
Ω High-Side MOSFET
Supported by SwitcherPro™ Software Tool
High Efficiency at Light Loads with a Pulse
(http://focus.ti.com/docs/toolsw/folders/print/s
Skipping Eco-Mode™
witcherpro.html)
116mA Operating Quiescent Current
For SWIFT™ Documentation, See the TI
1.3mA Shutdown Current
Website at http://www.ti.com/swift
100kHz to 2.5MHz Switching Frequency
Synchronizes to External Clock
APPLICATIONS
Adjustable Slow Start/Sequencing
12-V, 24-V and 48-V Industrial and Commercial
Low Power Systems
UV and OV Power Good Output
Aftermarket Auto Accessories: Video, GPS,
Adjustable UVLO Voltage and Hysteresis
Entertainment
DESCRIPTION
The TPS54060 device is a 60V, 0.5A, step down regulator with an integrated high side MOSFET. Current mode
control provides simple external compensation and flexible component selection. A low ripple pulse skip mode
reduces the no load, regulated output supply current to 116mA. Using the enable pin, shutdown supply current is
reduced to 1.3mA, when the enable pin is low.
Under voltage lockout is internally set at 2.5V, but can be increased using the enable pin. The output voltage
startup ramp is controlled by the slow start pin that can also be configured for sequencing/tracking. An open
drain power good signal indicates the output is within 93% to 107% of its nominal voltage.
A wide switching frequency range allows efficiency and external component size to be optimized. Frequency fold
back and thermal shutdown protects the part during an overload condition.
The TPS54060 is available in 10 pin thermally enhanced MSOP and 10 pin 3mm x 3mm SON PowerPad™
packages.
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-Mode, PowerPAD, SwitcherPro, SWIFT are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54060DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060DGQ TI-TPS54060DGQ Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060DGQR TI-TPS54060DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54060DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com