Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54060DGQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060DGQR
Description  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54060DGQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54060DGQR Datasheet HTML 6Page - Texas Instruments TPS54060DGQR Datasheet HTML 7Page - Texas Instruments TPS54060DGQR Datasheet HTML 8Page - Texas Instruments TPS54060DGQR Datasheet HTML 9Page - Texas Instruments TPS54060DGQR Datasheet HTML 10Page - Texas Instruments TPS54060DGQR Datasheet HTML 11Page - Texas Instruments TPS54060DGQR Datasheet HTML 12Page - Texas Instruments TPS54060DGQR Datasheet HTML 13Page - Texas Instruments TPS54060DGQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
85
90
95
100
105
110
115
-50
-25
0
25
50
75
100
125
150
VSENSEFalling
VSENSERising
VSENSEFalling
VSENSERising
V =12V
I
T -JunctionTemperature-°C
J
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
2
2.25
2.50
2.75
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
1.5
1.8
2
2.3
2.5
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
VSENSE-mV
V =12V,
I
T =25 C
J
o
30
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
150
V
=0.2V
(SS/TR)
V =12V
I
T -JunctionTemperature-°C
J
TPS54060
SLVS919A – JANUARY 2009 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PWRGD ON RESISTANCE vs JUNCTION TEMPERATURE
PWRGD THRESHOLD vs JUNCTION TEMPERATURE
Figure 19.
Figure 20.
BOOT-PH UVLO vs JUNCTION TEMPERATURE
INPUT VOLTAGE (UVLO) vs JUNCTION TEMPERATURE
Figure 21.
Figure 22.
SS/TR TO VSENSE OFFSET vs VSENSE
SS/TR TO VSENSE OFFSET vs TEMPERATURE
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54060


Similar Part No. - TPS54060DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060DGQR TI-TPS54060DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54060DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com