Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54060DGQR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060DGQR
Description  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54060DGQR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54060DGQR Datasheet HTML 7Page - Texas Instruments TPS54060DGQR Datasheet HTML 8Page - Texas Instruments TPS54060DGQR Datasheet HTML 9Page - Texas Instruments TPS54060DGQR Datasheet HTML 10Page - Texas Instruments TPS54060DGQR Datasheet HTML 11Page - Texas Instruments TPS54060DGQR Datasheet HTML 12Page - Texas Instruments TPS54060DGQR Datasheet HTML 13Page - Texas Instruments TPS54060DGQR Datasheet HTML 14Page - Texas Instruments TPS54060DGQR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TPS54060
www.ti.com
SLVS919A – JANUARY 2009 – REVISED JULY 2010
OVERVIEW
The TPS54060 device is a 60-V, 0.5-A, step-down (buck) regulator with an integrated high side n-channel
MOSFET. To improve performance during line and load transients the device implements a constant frequency,
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency of 100kHz to 2500kHz allows for efficiency and size optimization when selecting
the output filter components. The switching frequency is adjusted using a resistor to ground on the RT/CLK pin.
The device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the power
switch turn on to a falling edge of an external system clock.
The TPS54060 has a default start up voltage of approximately 2.5V. The EN pin has an internal pull-up current
source that can be used to adjust the input voltage under voltage lockout (UVLO) threshold with two external
resistors. In addition, the pull up current provides a default condition. When the EN pin is floating the device will
operate. The operating current is 116mA when not switching and under no load. When the device is disabled, the
supply current is 1.3mA.
The integrated 200m
Ω high side MOSFET allows for high efficiency power supply designs capable of delivering
0.5 amperes of continuous current to a load. The TPS54060 reduces the external component count by
integrating the boot recharge diode. The bias voltage for the integrated high side MOSFET is supplied by a
capacitor on the BOOT to PH pin. The boot capacitor voltage is monitored by an UVLO circuit and will turn the
high side MOSFET off when the boot voltage falls below a preset threshold. The TPS54060 can operate at high
duty cycles because of the boot UVLO. The output voltage can be stepped down to as low as the 0.8V
reference.
The TPS54060 has a power good comparator (PWRGD) which asserts when the regulated output voltage is less
than 92% or greater than 109% of the nominal output voltage. The PWRGD pin is an open drain output which
deasserts when the VSENSE pin voltage is between 94% and 107% of the nominal output voltage allowing the
pin to transition high when a pull-up resistor is used.
The TPS54060 minimizes excessive output overvoltage (OV) transients by taking advantage of the OV power
good comparator. When the OV comparator is activated, the high side MOSFET is turned off and masked from
turning on until the output voltage is lower than 107%.
The SS/TR (slow start/tracking) pin is used to minimize inrush currents or provide power supply sequencing
during power up. A small value capacitor should be coupled to the pin to adjust the slow start time. A resistor
divider can be coupled to the pin for critical power supply sequencing requirements. The SS/TR pin is discharged
before the output powers up. This discharging ensures a repeatable restart after an over-temperature fault,
UVLO fault or a disabled condition.
The TPS54060, also, discharges the slow start capacitor during overload conditions with an overload recovery
circuit. The overload recovery circuit will slow start the output from the fault voltage to the nominal regulation
voltage once a fault condition is removed. A frequency foldback circuit reduces the switching frequency during
startup and overcurrent fault conditions to help control the inductor current.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54060


Similar Part No. - TPS54060DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060DGQR TI-TPS54060DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54060DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com