Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3403.0156.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3403.0156.xx
Description  Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0156.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3403.0156.xx Datasheet HTML 1Page - Schurter Inc. 3403.0156.xx Datasheet HTML 2Page - Schurter Inc. 3403.0156.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
UMT 250
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.0 x In min.
.25 x In
min.
2.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.08 A - 6.3 A
-
60 min
120 s
10 ms
100 ms
8 A - 10 A
60 min
-
120 s
10 ms
100 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .25 In
max [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.08
250
125
1)
-
1030
-
0.022
l
 
l
 
 
 
3403.0155.xx
0.1
250
125
1)
1300
870
200
0.04
l
 
l
 
 
 
3403.0156.xx
0.125
250
125
1)
1000
700
200
0.055
l
 
l
 
 
 
3403.0157.xx
0.16
250
125
1)
1000
540
240
0.057
l
 
l
 
 
 
3403.0158.xx
0.2
250
125
1)
1000
460
500
0.092
l
 
l
 
 
 
3403.0159.xx
0.25
250
125
1)
800
395
500
0.2
l
 
l
 
 
 
3403.0160.xx
0.315
250
125
1)
750
343
500
0.27
l
l
l
 
l
l
3403.0161.xx
0.4
250
125
1)
700
290
500
0.4
l
l
l
 
l
l
3403.0162.xx
0.5
250
125
1)
600
257
500
0.54
l
l
l
 
l
l
3403.0163.xx
0.63
250
125
1)
500
216
500
1.1
l
l
l
 
l
l
3403.0164.xx
0.8
250
125
1)
400
190
500
1.4
l
l
l
 
l
l
3403.0165.xx
1
250
125
2)
300
164
500
2.8
l
l
l
l
l
l
3403.0166.xx
1.25
250
125
2)
300
138
1000
4.5
l
l
l
l
l
l
3403.0167.xx
1.6
250
125
2)
300
124
1000
6.9
l
l
l
l
l
l
3403.0168.xx
2
250
125
2)
300
102
1000
7.3
l
l
l
l
l
l
3403.0169.xx
2.5
250
125
2)
300
90
1200
7.5
l
l
l
l
l
l
3403.0170.xx
3.15
250
125
2)
300
95
1500
14
l
l
l
l
l
l
3403.0171.xx
4
250
125
2)
300
78
2000
26
l
l
l
l
l
l
3403.0172.xx
5
250
125
3)
300
76
2500
38
l
 
l
 
 
 
3403.0173.xx
6.3
250
125
3)
300
71
3000
66
l
 
l
 
 
 
3403.0174.xx
8
250
125
4)
220
72
3000
113
 
 
l
 
 
 
3403.0175.xx
10
250
125
4)
220
73
3500
166
 
 
l
 
 
 
3403.0176.xx
1)IEC:200A@250VAC,p.f.
≥0.95/100A@125VDC
1)UL:200A@277VAC/100A@125VDC/35A@250VDC/200A@63VAC/DC
2)IEC:200A@250VAC,p.f.
≥0.95/100A@125VDC
2)UL:200A@277VAC/100A@125VDC/35A@250VDC/200A@63VAC/DC
2)PSE:100A@250VAC/100A@125VDC
3)IEC:100A@250VAC,p.f.
≥0.95/100A125VDC
3)UL:100A@250VAC/100A@125VDC/35A@250VDC/200A@63VAC/DC
4)UL:35A@250VAC/35A@125VDC/200A@63VAC/DC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.24BlisterTape33cmReel(2000pcs.)


Similar Part No. - 3403.0156.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0156.11 SCHURTER-3403.0156.11 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
3403.0156.24 SCHURTER-3403.0156.24 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
More results

Similar Description - 3403.0156.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_18 Datasheet
476Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com