Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA0GKS101 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEA0GKS101
Description  Radial Lead Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA0GKS101 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEA0GKS101 Datasheet HTML 1Page - Panasonic Semiconductor ECEA0GKS101 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ KS
φD±0.5
φd±0.05
Sleeve
14 min.
3 min.
L
±1.0
+
Features
● Endurance : 85° C 1000 h
● 5 mm height
● RoHS directive compliant
Dimensions in mm (not to scale)
(mm)
Specifications
Category Temp. Range
–40 °C to +85 °C
Rated W.V. Range
4 V.DC to 50 V.DC
Nominal Cap. Range
0.1 µF to 330 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached standard products list
Endurance
After applying rated working voltage for 1000 hours at +85 °C±2 °C, when the capacitors are
restored to 20°C capacitors, shall meet the following limits.
Capacitance change ± 20% of initial measured value (4 V : ±30 %)
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Radial Lead Type
Series:
KS
Type:
A
M
KA
7 mm height
Low Profile
Body Dia.
φD4
5
6.3
8
Lead Dia.
φd0.45
0.45
0.45
0.45
Lead space F
1.5
2.0
2.5
2.5
KS
5 mm height
[mm]
Apr. 2008


Similar Part No. - ECEA0GKS101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0GKS101 PANASONIC-ECEA0GKS101 Datasheet
59Kb / 2P
   Radial Lead Type
ECEA0GKS101B PANASONIC-ECEA0GKS101B Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ KS Radial Lead Type Series: KS Type : A
ECEA0GKS101I PANASONIC-ECEA0GKS101I Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ KS Radial Lead Type Series: KS Type : A
More results

Similar Description - ECEA0GKS101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com