Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVMC0J101P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVMC0J101P
Description  Surface Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVMC0J101P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVMC0J101P Datasheet HTML 1Page - Panasonic Semiconductor EEVMC0J101P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aluminum Electrolytic Capacitor/MC
 EE81 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
V
Series:
MC
Type :
-40 to +85
°C
4 to 50 V .DC
0.1 to 220 µ F
±20 % (120Hz/+20
°C)
I < 0.01 CV or 3(µ A) after 2 minutes (Whichever is greater)
D
L A,B
H
I
W
P
K
Size
code
B
C
D
4.0 4.5 4.3 5.5 MAX 1.8 0.65±0.1 1.0 0.35
5.0 4.5 5.3 6.5MAX 2.2 0.65±0.1 1.5 0.35
6.3 4.5 6.6 7.8MAX 2.6 0.65±0.1 1.8 0.35
-0.20 to +0.15
(mm)
-0.20 to +0.15
-0.20 to +0.15
V
4 6.3 10 16 25 35 50
Code
g
j
A
C
E
V
H
W.V. (V)
4
6.3
10
16
25
35
50
-25 / +20
°C
7
4
3
2
2
2
2
-40 / +20
°C
15
8
8
4
4
3
3
Cap.(µF)
0.1
0.22
0.33
0.47
1.0
2.2
3.3
4.7
10
22
33
47
100
220
B
C
D
B
B
C
D
W.V.(V)
C
B
C
D
B
C
D
D
B
B
B
B
B
B
B
C
D
B
C
D
4 (0G) 6.3 (0J) 10 (1A) 16 (1C) 25 (1E) 35 (1V) 50 (1H)
(µF)
H MC
1
Surface Mount Type
n
Features
Endurance : 85
°C 1000 h
Height: 4.6mm max.
n
Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
tan
δ
Characteristics
at Low Temperature
Endurance
Shelf Life
Resistance to
Soldering Heat
After applying rated working voltage for 1000 hours at +85±2
°C and then being stabilized
at +20
°C, capacitors shall meet the following limits.
Capacitance change
tan
δ
DC leakage current
±20% of initial measured value(4W.V.:±30%)
<
300 % of initial specified value
<
initial specified value
After storage for 1000 hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
After reflow soldering (Refer to page 20 for recommended temperature profile) and then
being stabilized at +20
°C, capacitor shall meet the following limits.
Capacitance
Series
identification
Lot number
W.V. code
Example: 50V 1 µF (polarized)
Negative polarity
marking
W.V. code
±10% of initial measured value
<
initial specified value
<
initial specified value
Capacitance change
tan
δ
DC leakage current
n
Dimensions in mm (not to scale)
n
Case size
n
Marking
( )reference size
Please see the attached standard production list
0.3 max
w
L +0.1
A±0.2
-0.2
S
MC
Low profile
(Impedance ratio at 120Hz)
Mar. 2005


Similar Part No. - EEVMC0J101P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EEV KEMET-EEV Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
BCM Advanced Research.
EEV-EX14 BCM-EEV-EX14 Datasheet
523Kb / 1P
   Micro ATX Type6 COM Express Carrier Board
More results

Similar Description - EEVMC0J101P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com