Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVEB2D330SM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVEB2D330SM
Description  Surface Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVEB2D330SM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVEB2D330SM Datasheet HTML 1Page - Panasonic Semiconductor EEVEB2D330SM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
– EE75 –
Capacitance (
µF)
Rated Voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
10
2C EB
0.3 max.
A
±0.2
W
( )reference size
L
±0.5
+
Features
● Endurance : 105 °C 3000 h to 5000 h
● RoHS directive compliant
Surface Mount Type
Series:
EB(Large Can Size)
Type:
V
Specifications
Category Temp. Range
–25 °C to +105 °C
Rated W.V. Range
160 V.DC to 450 V.DC
Nominal Cap. Range
2.2 µF to 100 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.06 CV +10 (µA) After 2 minutes
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
160
200250
350
400
450
(Impedance ratio at 120 Hz)
Z(–25 °C) / Z(+20 °C)
223566
Endurance
After the life test with DC rated working voltage at +105 °C±2 °C for 5000 hours, the capacitors shall meet
the limits specified below. (Size code G13 : 3000 hours, G17 : 4000 hours)
Capacitance change ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change ±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
Example : 160 V 10 µF
Size
code
DL
A,B H max.
I
W
P
K
G13
10.0 13.5 10.3
12.0
3.5
0.9±0.2
4.6
0.70±0.20
G17
10.0 16.5 10.3
12.0
3.5
0.9±0.2
4.6
0.70±0.20
H16
12.5 16.5 13.5
15.0
4.7
0.9±0.2
4.4
0.70±0.30
J16
16.0 16.5 17.0
19.0
5.5
1.2±0.3
6.7
0.70±0.30
J21
16.0 21.5 17.0
19.0
5.5
1.2±0.3
6.7
0.70±0.30
K16
18.0 16.5 19.0
21.0
6.7
1.2±0.3
6.7
0.70±0.30
K21
18.0 21.5 19.021.0
6.7
1.2±0.3
6.7
0.70±0.30
(mm)
2C
160 V
2D
200 V
2E
250 V
2V
350 V
2G
400 V
2W
450 V
Rated Voltage Mark
Nov. 2008
01


Similar Part No. - EEVEB2D330SM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVEB2D330SM PANASONIC-EEVEB2D330SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2D330SM PANASONIC-EEVEB2D330SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2D330SM PANASONIC-EEVEB2D330SM Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEVEB2D330SM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com