Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVTB1H220P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVTB1H220P
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTB1H220P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVTB1H220P Datasheet HTML 1Page - Panasonic Semiconductor EEVTB1H220P Datasheet HTML 2Page - Panasonic Semiconductor EEVTB1H220P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminum Electrolytic Capacitors/TB
 EE50 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Apr. 2005
TB
V
Series:
Type :
-40 to +125
°C
10 to 50 V .DC
10 to 330 µ F
±20 % (120Hz/+20
°C)
I < 0.01 CV or 3(µ A) after 2 minutes (Whichever is greater)
W.V. (V)
10
16
25
35
50
-25 / +20
°C
3
2
2
2
2
-40 / +20
°C
6
4
4
3
3
(Impedance ratio at 120 Hz)
V
10 16 25 35 50
Code
A
C
E
V
H
10 (1A)
16 (1C)
25 (1E)
35 (1V)
50 (1H)
Cap.(µF)
10
22
33
47
100
220
330
F
G
E
F
G
W.V.(V)
E
F
E
F
G
E
E
F
G
D
L A,B
H
I
W
P
K
Size
code
E
F
G
8.0 6.2 8.3 9.5MAX 3.4 0.65±0.1 2.2 0.35
8.0 10.2 8.3 10.0MAX 3.4 0.90±0.2
3.1 0.70
10.0 10.2 10.3 12.0MAX 3.5 0.90±0.2 4.6 0.70
±0.2
-0.20 to +0.15
(µF)
100
C TB
Surface Mount Type
n
Features Endurance : 125°C 500 to 1000 h
For use near car engines.
Good for electronically controlled
units (ECU, ABS etc).
125
°C guarantee. Low temp. Characteristic
stability type.
Vibration-proof product is available upon request.(
φ8 )
RoHS directive compliant(Parts No:EEE
∗)
n
Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
tan
δ
Characteristics
at Low Temperature
Please see the attached standard products list
Endurance
Shelf Life
After storage for 250 hours (
φ8) and for 500 hours (φ10) at +125±2°C with no voltage
applied and then being stabilized at +20
°C, capacitors shall meet the following limits.
(With voltage treatment)
After applying rated working voltage for 500 hours (
φ8) and for 1000 hours (φ10) at
+125 ±2
°C and then being stabilized at +20°C, capacitors shall meet the following limits.
Capacitance change
tan
δ
DC leakage current
±30 % of initial measured value
<
300 % of initial specified value
<
initial specified value
Capacitance change
tan
δ
DC leakage current
±30 % of initial measured value
<
300 % of initial specified value
<
initial specified value
Capacitance change
tan
δ
DC leakage current
±10 % of initial measured value
<
Initial specified value
<
initial specified value
After reflow soldering and then stabilized at +20
°C, capacitor shall meet the following limits.
n
Marking
n
Dimensions in mm (not to scale)
Example: 16V 100 µF (Polarized)
W.V. code
Negative polarity
marking
Capacitance
Lot number
W.V. code
n
Case size
Series
identification
( ) reference size
Resistance to
Soldering Heat
0.3 max
w
L ±0.3
A±0.2
Low temp. stability
Japan
(mm)
<
=
Country of Origin
±0.2
TA
TB


Similar Part No. - EEVTB1H220P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTA1A101P PANASONIC-EEVTA1A101P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1A221P PANASONIC-EEVTA1A221P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1A331P PANASONIC-EEVTA1A331P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1C101P PANASONIC-EEVTA1C101P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1C221P PANASONIC-EEVTA1C221P Datasheet
61Kb / 3P
   Surface Mount Type
More results

Similar Description - EEVTB1H220P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com