Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVEB2E100Q Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVEB2E100Q
Description  Surface Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVEB2E100Q Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVEB2E100Q Datasheet HTML 1Page - Panasonic Semiconductor EEVEB2E100Q Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
– EE76 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA)
(hours)
(pcs)
160
10
10
13.5
G13
70
0.15
3000
EEVEB2C100Q
(4)
250
33
12.5
16.5
H16
470
0.15
5000
EEVEB2C330SQ
(4)
150
47
16
16.5
J16
600
0.15
5000
EEVEB2C470SM
(4)
125
68
16
21.5
J21
750
0.15
5000
EEVEB2C680M
(4)
75
18
16.5
K16
750
0.15
5000
EEVEB2C680SM
(4)
125
100
18
21.5
K21
1060
0.15
5000
EEVEB2C101M
(4)
75
200
10
10
16.5
G17
80
0.15
4000
EEVEB2D100Q
(4)
200
22
12.5
16.5
H16
470
0.15
5000
EEVEB2D220SQ
(4)
150
33
16
16.5
J16
600
0.15
5000
EEVEB2D330SM
(4)
125
47
18
16.5
K16
600
0.15
5000
EEVEB2D470SM
(4)
125
68
16
21.5
J21
750
0.15
5000
EEVEB2D680M
(4)
75
100
18
21.5
K21
1060
0.15
5000
EEVEB2D101M
(4)
75
250
10
10
16.5
G17
88
0.15
4000
EEVEB2E100Q
(4)
200
22
16
16.5
J16
560
0.15
5000
EEVEB2E220SM
(4)
125
33
18
16.5
K16
560
0.15
5000
EEVEB2E330SM
(4)
125
47
16
21.5
J21
710
0.15
5000
EEVEB2E470M
(4)
75
68
18
21.5
K21
990
0.15
5000
EEVEB2E680M
(4)
75
350
3.3
10
13.5
G13
38
0.20
3000
EEVEB2V3R3Q
(4)
250
4.7
10
16.5
G17
50
0.20
4000
EEVEB2V4R7Q
(4)
200
10
16
16.5
J16
270
0.20
5000
EEVEB2V100SM
(4)
125
22
18
16.5
K16
350
0.20
5000
EEVEB2V220SM
(4)
125
33
16
21.5
J21
480
0.20
5000
EEVEB2V330M
(4)
75
47
18
21.5
K21
670
0.20
5000
EEVEB2V470M
(4)
75
400
3.3
10
13.5
G13
40
0.24
3000
EEVEB2G3R3Q
(4)
250
4.7
10
16.5
G17
50
0.24
4000
EEVEB2G4R7Q
(4)
200
10
16
16.5
J16
250
0.24
5000
EEVEB2G100SM
(4)
125
22
16
21.5
J21
410
0.24
5000
EEVEB2G220M
(4)
75
33
18
21.5
K21
600
0.24
5000
EEVEB2G330M
(4)
75
450
2.2
10
13.5
G13
29
0.24
3000
EEVEB2W2R2Q
(4)
250
3.3
10
16.5
G17
41
0.24
4000
EEVEB2W3R3Q
(4)
200
4.7
12.5
16.5
H16
49
0.24
5000
EEVEB2W4R7SQ
(4)
150
10
18
16.5
K16
310
0.24
5000
EEVEB2W100SM
(4)
125
22
18
21.5
K21
560
0.24
5000
EEVEB2W220M
(4)
75
The taping dimensions are explained on p.177 of our Catalog.
Please use it as a reference guide.
Reflow profile(Fig-1 to Fig-8) listed on p.175 of our Catalog.
Endurance : 105 °C 5000 h (G13 : 3000 h, G17 : 4000 h)
Nov. 2008
01


Similar Part No. - EEVEB2E100Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVEB2E100Q PANASONIC-EEVEB2E100Q Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2E100Q PANASONIC-EEVEB2E100Q Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2E100Q PANASONIC-EEVEB2E100Q Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEVEB2E100Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com