Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA35-EBDTN03 Datasheet(PDF) 5 Page - Schurter Inc.

Part # TA35-EBDTN03
Description  Thermal Circuit Breaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-EBDTN03 Datasheet(HTML) 5 Page - Schurter Inc.

  TA35-EBDTN03 Datasheet HTML 1Page - Schurter Inc. TA35-EBDTN03 Datasheet HTML 2Page - Schurter Inc. TA35-EBDTN03 Datasheet HTML 3Page - Schurter Inc. TA35-EBDTN03 Datasheet HTML 4Page - Schurter Inc. TA35-EBDTN03 Datasheet HTML 5Page - Schurter Inc. TA35-EBDTN03 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
circuit breakers
circuit breakers
TA35 1-pole
40
49.6
21.3
2.3
13.7
5.9
18.2
7.1
19.2
2
6.3 x 0.8 mm
39
33.8
39
1
7
P1
4
2
TA35 -pole
40
49.6
21.3
2.3
13.7
5.9
11
7.1
30.2
2
6.3 x 0.8 mm
39
33.8
39
1
7
P1
4
2
TA35 3-pole
40
49.6
21.3
2.3
13.7
5.9
11
11
7.1
41.2
2
6.3 x 0.8 mm
39
33.8
39
1
7
P1
4
2
Dimensions
ScrewType:2xPTWN1413KA35x12
ScrewType:2xPTWN1413KA35x12
ScrewType:2xPTWN1413KA35x12


Similar Part No. - TA35-EBDTN03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-C123FJ10 SCHURTER-TA35-C123FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123HJ10 SCHURTER-TA35-C123HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123KJ10 SCHURTER-TA35-C123KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124FJ10 SCHURTER-TA35-C124FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124HJ10 SCHURTER-TA35-C124HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-EBDTN03

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com