Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1C333LJ Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # EETUQ1C333LJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1C333LJ Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button EETUQ1C333LJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 10Page - Panasonic Semiconductor EETUQ1C333LJ Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
450
82
22
25
EETUQ2W820HJ
0.83
0.15
200
100
22
25
EETUQ2W101HJ
0.93
0.15
200
120
22
30
EETUQ2W121HJ
1.04
0.15
200
150
22
30
EETUQ2W151HC
1.19
0.15
200
22
35
EETUQ2W151HJ
1.19
0.15
200
25
25
EETUQ2W151JC
1.19
0.15
200
25
30
EETUQ2W151JJ
1.19
0.15
200
180
22
35
EETUQ2W181HC
1.35
0.15
200
22
40
EETUQ2W181HJ
1.35
0.15
200
25
30
EETUQ2W181JJ
1.35
0.15
200
220
22
45
EETUQ2W221HJ
1.55
0.15
200
25
35
EETUQ2W221JC
1.55
0.15
200
25
40
EETUQ2W221JJ
1.55
0.15
200
30
25
EETUQ2W221KC
1.55
0.15
200
30
30
EETUQ2W221KJ
1.55
0.15
200
35
25
EETUQ2W221LJ
1.55
0.15
200
270
22
50
EETUQ2W271HJ
1.78
0.15
200
25
40
EETUQ2W271JJ
1.78
0.15
200
30
30
EETUQ2W271KJ
1.78
0.15
200
35
25
EETUQ2W271LC
1.78
0.15
200
330
25
45
EETUQ2W331JC
2.01
0.15
200
25
50
EETUQ2W331JJ
2.01
0.15
200
30
35
EETUQ2W331KC
2.01
0.15
100
30
40
EETUQ2W331KJ
2.01
0.15
100
35
30
EETUQ2W331LJ
2.01
0.15
200
390
30
40
EETUQ2W391KJ
2.24
0.15
100
35
30
EETUQ2W391LC
2.24
0.15
200
35
35
EETUQ2W391LJ
2.24
0.15
100
470
30
45
EETUQ2W471KJ
2.53
0.15
100
35
35
EETUQ2W471LC
2.53
0.15
100
35
40
EETUQ2W471LJ
2.53
0.15
100
560
30
50
EETUQ2W561KJ
2.82
0.15
100
35
40
EETUQ2W561LC
2.82
0.15
100
35
45
EETUQ2W561LJ
2.82
0.15
100
680
35
45
EETUQ2W681LC
3.00
0.15
100
Jan. 2008


Similar Part No. - EETUQ1C333LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1C333LJ PANASONIC-EETUQ1C333LJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1C333LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com