Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1AA393CJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEC1AA393CJ
Description  Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1AA393CJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEC1AA393CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1AA393CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1AA393CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1AA393CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1AA393CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1AA393CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1AA393CJ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Aluminum Electrolytic Capacitors/ HA
 EE152 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
Standard Products
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
1800
22
30
1.7
0.20
ECEC1JA182BJ
200
25
25
1.7
0.20
ECEC1JA182CJ
200
2200
22
35
2.0
0.20
ECEC1JA222BJ
200
25
30
2.0
0.20
ECEC1JA222CJ
200
2700
22
40
2.2
0.20
ECEC1JA272BJ
200
25
35
2.2
0.20
ECEC1JA272CJ
200
30
25
2.2
0.20
ECEC1JA272DJ
200
3300
22
50
2.5
0.20
ECEC1JA332BJ
200
25
40
2.5
0.20
ECEC1JA332CJ
200
30
30
2.5
0.20
ECEC1JA332DJ
200
35
25
2.5
0.20
ECEC1JA332EJ
200
63
3900
25
45
2.7
0.20
ECEC1JA392CJ
200
30
35
2.7
0.20
ECEC1JA392DJ
100
35
30
2.7
0.20
ECEC1JA392EJ
200
4700
25
50
3.0
0.20
ECEC1JA472CJ
200
30
40
3.0
0.20
ECEC1JA472DJ
100
35
30
3.0
0.20
ECEC1JA472EJ
200
5600
30
45
3.3
0.20
ECEC1JA562DJ
100
35
35
3.3
0.20
ECEC1JA562EJ
100
6800
30
50
3.6
0.20
ECEC1JA682DJ
100
35
40
3.6
0.20
ECEC1JA682EJ
100
8200
35
45
3.9
0.20
ECEC1JA822EJ
100
10000
35
50
4.4
0.20
ECEC1JA103EJ
100
820
22
25
1.2
0.17
ECEC1KA821BJ
200
1000
22
30
1.3
0.17
ECEC1KA102BJ
200
25
25
1.3
0.17
ECEC1KA102CJ
200
1200
22
30
1.5
0.17
ECEC1KA122BJ
200
25
25
1.5
0.17
ECEC1KA122CJ
200
1500
22
35
1.7
0.17
ECEC1KA152BJ
200
25
30
1.7
0.17
ECEC1KA152CJ
200
1800
22
40
1.8
0.17
ECEC1KA182BJ
200
25
35
1.8
0.17
ECEC1KA182CJ
200
80
30
25
1.8
0.17
ECEC1KA182DJ
200
2200
22
45
2.1
0.17
ECEC1KA222BJ
200
25
35
2.1
0.17
ECEC1KA222CJ
200
30
30
2.1
0.17
ECEC1KA222DJ
200
35
25
2.1
0.17
ECEC1KA222EJ
200
2700
25
45
2.4
0.17
ECEC1KA272CJ
200
30
35
2.4
0.17
ECEC1KA272DJ
100
35
30
2.4
0.17
ECEC1KA272EJ
200
3300
25
50
2.6
0.17
ECEC1KA332CJ
200
30
40
2.6
0.17
ECEC1KA332DJ
100
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1AA393CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1AA393CA PANASONIC-ECEC1AA393CA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1AA393CA PANASONIC-ECEC1AA393CA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1AA393CA PANASONIC-ECEC1AA393CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
ECEC1AA393CA PANASONIC-ECEC1AA393CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1AA393CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com