Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13146 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13146
Description  Low Power Integrated Transmitter for ISM Band Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13146 Datasheet(HTML) 5 Page - Motorola, Inc

  MC13146 Datasheet HTML 1Page - Motorola, Inc MC13146 Datasheet HTML 2Page - Motorola, Inc MC13146 Datasheet HTML 3Page - Motorola, Inc MC13146 Datasheet HTML 4Page - Motorola, Inc MC13146 Datasheet HTML 5Page - Motorola, Inc MC13146 Datasheet HTML 6Page - Motorola, Inc MC13146 Datasheet HTML 7Page - Motorola, Inc MC13146 Datasheet HTML 8Page - Motorola, Inc MC13146 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC13146
5
MOTOROLA RF/IF DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description
Description
Symbol/Type
Pin
13
VCC
VCC
13
VCC, Supply Voltage
14
PRSC Out
VCC
PRSC Out
14
1.0 mA
Prescaler Output
The prescaler output provides 500 mVpp drive to
the Fin Pin of a PLL synthesizer. Conjugately
matching the interface will increase the drive
delivered to the PLL input.
15
VEE
VEE
15
VCC
VEE, Negative Supply
16
MC
MC
16
Dual Modulus Control Current Input
This requires a current input of typically 200
µApp.
17
Enable
Enable
17
10 k
Transmitter Enable
Enable the transmitter by pulling the pin up to VCC.
19
PAout
PA Out
The output is an open collector of the cascode
transistor low power amplifier (LPA); it is externally
biased. The output may be conjugately matched
with a shunt L, and series L and C network.
20, 21
VEE
PAout
19
20
VEE, Negative Supply
VEE pin is taken to an ample dc ground plane
through a low impedance path. The path should be
VEE
20
21
kept as short as possible. A two sided PCB is
implemented so that ground returns can be easily
made through via holes.
22
PAin
2.0 mA
Vref2
Vref1
VEE
21
PAin
22
VCC
23
PA In
The input is the base of the common emitter
transistor. Minimum external matching is required to
optimize the input return loss and gain.
23
VCC
CC
VCC, Positive Supply
VCC pin is taken to the incoming positive battery or
regulated dc voltage through a low impedance trace
on the PCB. It is decoupled to VEE ground at the pin
of the IC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC13146

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
More results

Similar Description - MC13146

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSTX4930 ETC1-SSTX4930 Datasheet
105Kb / 6P
   Low Power ISM-Band FM/FSK Transmitter
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
NXP Semiconductors
TCA07F NXP-TCA07F Datasheet
85Kb / 3P
   Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications
Ver 3.2 9/13/2000
TCA14A NXP-TCA14A Datasheet
207Kb / 3P
   Integrated Miniaturized Antenna for 838~898 MHz ISM Band Wireless RF Applications
Ver1.1 11/15/2001
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com