Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1H682JJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EETUQ1H682JJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1H682JJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button EETUQ1H682JJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1H682JJ Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
160
560
22
25
EETUQ2C561HJ
2.25
0.15
200
680
22
30
EETUQ2C681HJ
2.50
0.15
200
820
22
35
EETUQ2C821HJ
2.75
0.15
200
1000
22
40
EETUQ2C102HJ
3.00
0.15
200
25
30
EETUQ2C102JJ
3.00
0.15
200
1200
22
45
EETUQ2C122HJ
3.25
0.15
200
25
35
EETUQ2C122JJ
3.25
0.15
200
30
25
EETUQ2C122KJ
3.25
0.15
200
1500
22
50
EETUQ2C152HJ
3.73
0.15
200
25
40
EETUQ2C152JJ
3.73
0.15
200
30
30
EETUQ2C152KJ
3.73
0.15
200
35
25
EETUQ2C152LJ
3.73
0.15
200
1800
25
45
EETUQ2C182JJ
4.20
0.15
200
30
35
EETUQ2C182KJ
4.20
0.15
100
35
30
EETUQ2C182LJ
4.20
0.15
200
2200
30
40
EETUQ2C222KJ
4.78
0.15
100
35
35
EETUQ2C222LJ
4.78
0.15
100
2700
30
45
EETUQ2C272KJ
5.45
0.15
100
35
40
EETUQ2C272LJ
5.45
0.15
100
3300
35
45
EETUQ2C332LJ
5.75
0.15
100
3900
35
50
EETUQ2C392LJ
6.00
0.15
100
180
470
22
25
EETUQ2P471HJ
2.08
0.15
200
560
22
30
EETUQ2P561HJ
2.25
0.15
200
680
22
30
EETUQ2P681HJ
2.50
0.15
200
25
25
EETUQ2P681JJ
2.50
0.15
200
820
22
35
EETUQ2P821HJ
2.75
0.15
200
25
30
EETUQ2P821JJ
2.75
0.15
200
1000
22
45
EETUQ2P102HJ
3.00
0.15
200
25
35
EETUQ2P102JJ
3.00
0.15
200
30
25
EETUQ2P102KJ
3.00
0.15
200
1200
22
50
EETUQ2P122HJ
3.31
0.15
200
25
40
EETUQ2P122JJ
3.31
0.15
200
30
30
EETUQ2P122KJ
3.31
0.15
200
35
25
EETUQ2P122LJ
3.31
0.15
200
1500
25
45
EETUQ2P152JJ
3.83
0.15
200
30
35
EETUQ2P152KJ
3.83
0.15
100
35
30
EETUQ2P152LJ
3.83
0.15
200
1800
25
50
EETUQ2P182JJ
4.32
0.15
200
30
40
EETUQ2P182KJ
4.32
0.15
100
35
30
EETUQ2P182LJ
4.32
0.15
200
2200
30
45
EETUQ2P222KJ
4.92
0.15
100
35
40
EETUQ2P222LJ
4.92
0.15
100
2700
30
50
EETUQ2P272KJ
5.52
0.15
100
35
45
EETUQ2P272LJ
5.52
0.15
100
3300
35
50
EETUQ2P332LJ
5.75
0.15
100
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETUQ1H682JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1H682JJ PANASONIC-EETUQ1H682JJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1H682JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com