Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1H153LJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETUQ1H153LJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1H153LJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETUQ1H153LJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1H153LJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
1.5
±0.2
2.0 max.
Terminal
(t=0.8)
4.0
±0.5
(
φD)
Top of spin
Standard terminal type does not require
terminal trimming process.
L+2.0 max.
(10
.0)
10.
0±0.1
2-
φ2.0±0.1
Sleeve
Vent
Polarity bar
Recommended PWB piercing plan
Rated voltage etc. indicate to sleeve.
0.8
+0.2
–0.1
Features
● Endurance : 85 °C 2000 h
● 30 % Smaller than series TS-UP
● RoHS directive compliant
Snap-in Type
Series:
UQ Type: TS
Dimensions in mm (not to scale)
Specifications
Category Temp. Range
–40 °C to +85 °C
–25 °C to +85 °C
Rated W.V. Range
16 V.DC to 100 V.DC
160 V.DC to 250 V.DC
315 V.DC to 450 V.DC
Nominal Cap. Range1000 µF to 100000 µF
270 µF to 3900 µF
82 µF to 1000 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
3
CV (µA) max. After 5 minutes application of rated working voltage at +20 °C
C : Capacitance (µF)
V: W.V. (V.DC)
tan
δ
Please see the attached standard products list.
Frequency Correction
Factor for Ripple Current
Frequency (Hz)
50
60
100
120
500
1 k
10 k to
16 V.DC to 100 V.DC /C.F.
0.93
0.95
0.99
1.00
1.05
1.08
1.15
160 V.DC to 450 V.DC /C.F.
0.75
0.80
0.95
1.00
1.20
1.25
1.40
Endurance
After 2000 hours application of DC voltage with specified ripple current (
< rated DC working
voltage) at +85 °C±2 °C, the capacitors shall meet the following limits.
Capacitance change
< ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C within no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
(mm)
Jul. 2008


Similar Part No. - EETUQ1H153LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1H153LJ PANASONIC-EETUQ1H153LJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1H153LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com