Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32335I6286J050 Datasheet(PDF) 6 Page - EPCOS

Part # B32335I6286J050
Description  Film Capacitors - AC Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32335I6286J050 Datasheet(HTML) 6 Page - EPCOS

  B32335I6286J050 Datasheet HTML 1Page - EPCOS B32335I6286J050 Datasheet HTML 2Page - EPCOS B32335I6286J050 Datasheet HTML 3Page - EPCOS B32335I6286J050 Datasheet HTML 4Page - EPCOS B32335I6286J050 Datasheet HTML 5Page - EPCOS B32335I6286J050 Datasheet HTML 6Page - EPCOS B32335I6286J050 Datasheet HTML 7Page - EPCOS B32335I6286J050 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
B32335 – Dual MotorCap™, 450 V
FC PC AC PM
January 2010
Please read Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
VR
V AC
CR
µF
Dimensions
D x H
mm
Ordering code
Packing unit
35+3
40 x 105
B32335I6386J0*0
36
35+5
40 x 105
B32335I6406J0*0
36
35+6
40 x 105
B32335I6416J0*0
36
35+8
40 x 105
B32335I6436J0*0
36
35+10
40 x 105
B32335I6456J0*0
36
40+5
40 x 105
B32335I6456J0*1
36
45+4
45 x 105
B32335I6496J0*0
25
45+5
45 x 105
B32335I6506J0*0
25
46+6
45 x 105
B32335I6526J0*0
25
45+10
45 x 105
B32335I6556J0*0
25
50+4
45 x 105
B32335I6546J0*0
25
50+5
45 x 105
B32335I6556J0*1
25
55+5
53 x 105
B32335I6606J0*0
25
450
60+10
53 x 105
B32335I6706J0*0
25
Composition of ordering code:
* : construction of can and plastic top
5
aluminum can, without mounting, V2 Top disc
6
aluminum can, without mounting, V0 Top disc, IEC60335 compliance
7
aluminum can, with M 8 bolt, UL 94 V2 top disc
8
aluminum can, with M 8 bolt, UL 94 V2/V0 top disc / IEC 60335-1


Similar Part No. - B32335I6286J050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32335I6286J00 TDK-B32335I6286J00 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
More results

Similar Description - B32335I6286J050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com