Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1J392HJ Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EETUQ1J392HJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1J392HJ Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EETUQ1J392HJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 10Page - Panasonic Semiconductor EETUQ1J392HJ Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
420
120
22
25
EETUQ2S121HJ
1.08
0.15
200
150
22
30
EETUQ2S151HJ
1.30
0.15
200
25
25
EETUQ2S151JJ
1.30
0.15
200
180
22
35
EETUQ2S181HJ
1.48
0.15
200
25
30
EETUQ2S181JJ
1.48
0.15
200
220
22
40
EETUQ2S221HJ
1.65
0.15
200
25
35
EETUQ2S221JJ
1.65
0.15
200
30
25
EETUQ2S221KJ
1.65
0.15
200
270
22
45
EETUQ2S271HJ
1.94
0.15
200
25
35
EETUQ2S271JC
1.94
0.15
200
25
40
EETUQ2S271JJ
1.94
0.15
200
30
30
EETUQ2S271KJ
1.94
0.15
200
330
25
45
EETUQ2S331JJ
2.17
0.15
200
30
30
EETUQ2S331KJ
2.17
0.15
200
35
25
EETUQ2S331LJ
2.17
0.15
200
390
25
50
EETUQ2S391JJ
2.27
0.15
200
30
35
EETUQ2S391KJ
2.27
0.15
100
35
30
EETUQ2S391LJ
2.27
0.15
200
470
30
40
EETUQ2S471KJ
2.61
0.15
100
35
35
EETUQ2S471LJ
2.61
0.15
100
560
30
45
EETUQ2S561KJ
2.82
0.15
100
35
40
EETUQ2S561LJ
2.82
0.15
100
680
30
50
EETUQ2S681KC
3.11
0.15
100
35
45
EETUQ2S681LJ
3.11
0.15
100
820
35
50
EETUQ2S821LJ
3.30
0.15
100
Jul. 2008


Similar Part No. - EETUQ1J392HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1J392HJ PANASONIC-EETUQ1J392HJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1J392HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com