Electronic Components Datasheet Search |
|
B32344D3251A080 Datasheet(PDF) 6 Page - EPCOS |
|
B32344D3251A080 Datasheet(HTML) 6 Page - EPCOS |
6 / 16 page Film capacitors – Power Factor Correction B32344D****A*** PhiCap capacitors B32344D / MKPxxx-D FK PC PM PFC March 2010 Please read Cautions and warnings and Page 6 of 16 Important notes at the end of this document. Three-phase capacitors – VR = 240 V AC, 50/60 Hz, delta connection Product / Type 50 Hz 60 Hz CR Dimensions Weight Quantity Ordering code Output IR Output IR d × h per kvar A kvar A μF mm kg box MKP240-D-2.1 B32344D2021A540 2.1 5.0 2.5 6.0 3 × 38.0 75 × 138 0.4 6 MKP240-D-2.5 B32344D2031A040 2.5 6.0 3.0 7.2 3 × 46.0 75 × 138 0.4 6 MKP240-D-4.2 B32344D2051A040 4.2 10.1 5.0 12.1 3 × 77.0 75 × 160 0.6 6 MKP240D-6.3 B32344D2071A540 6.3 15.0 7.5 18.0 3 × 115.0 75 × 198 0.6 6 MKP240-D-6.9 B32344D2081A340 6.9 16.6 8.3 19.9 3 × 127.0 85 × 198 1.5 4 MKP240-D-8.3 B32344D2101A040 8.3 20.1 10.0 24.1 3 × 154.0 85 × 198 0.9 4 MKP240-D-10.4 B32344D2121A540 10.4 25.1 12.5 30.1 3 × 192.0 85 × 273 1.2 4 MKP240-D-12.5 B32344D2151A040 12.5 30.0 15.0 36.0 3 × 230.0 85 × 273 1.2 4 MKP240-D-13.9 B32344D2161A740 13.9 33.4 1) 1) 3 × 256.0 85 × 348 1.2 4 1) Product not applicable to 60 Hz, since the product’s rated current is exceeded. Three-phase capacitors – VR = 380 V AC, 50/60 Hz, delta connection Product / Type 50 Hz 60 Hz CR Dimensions Weight Quantity Ordering code Output IR Output IR d × h per kvar A kvar A μF mm kg box MKP380-D-6.3 B32344D3071A580 6.3 9.5 7.5 11.4 3 × 46.0 75 × 160 0.5 6 MKP380-D-8.3 B32344D3101A080 8.3 12.6 10.0 15.1 3 × 61.0 75 × 160 0.5 6 MKP380-D-10.4 B32344D3121A580 10.4 15.9 12.5 19.1 3 × 77.0 75 × 198 0.6 6 MKP380-D-12.5 B32344D3151A080 12.5 19.0 15.0 22.8 3 × 92.0 85 × 198 0.8 4 MKP380-D-16.7 B32344D3201A080 16.7 25.4 20.0 30.5 3 × 123.0 85 × 273 1.2 4 MKP380-D-20.8 B32344D3251A080 20.8 31.6 25.0 38.0 3 × 153.0 85 × 273 1.2 4 |
Similar Part No. - B32344D3251A080 |
|
Similar Description - B32344D3251A080 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |