Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEG1CU274F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEG1CU274F
Description  Screw Terminal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG1CU274F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEG1CU274F Datasheet HTML 1Page - Panasonic Semiconductor ECEG1CU274F Datasheet HTML 2Page - Panasonic Semiconductor ECEG1CU274F Datasheet HTML 3Page - Panasonic Semiconductor ECEG1CU274F Datasheet HTML 4Page - Panasonic Semiconductor ECEG1CU274F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminium Electrolytic Capacitors/GYU
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE181 –
200
Endurance : 85
°C 2000h
n
(mm)
(V)
(µF)
(A)
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp clamp
3 point
Terminal
Part No.
Specification
Dia.
Length
Case size
Cap.
(-10 to+30%)
W.V.
Ripple
current
(120Hz)
(+85˚C)
Pitch
Standard Products
10000
64
145
8.63
0.15
28.6
ECEG2DU103E( )
N
C
F
15000
77
125
11.2
0.15
31.8
ECEG2DU153D( )
N
C
F
18000
77
145
13.1
0.15
31.8
ECEG2DU183C( )
N
C
F
22000
90
150
15.6
0.15
31.8
ECEG2DU223A( )
N
F
1200
36
83
1.75
0.15
13.0
ECEG2EU122P( )
N
F
1500
36
103
2.13
0.15
13.0
ECEG2EU152N( )
N
F
1800
36
125
2.50
0.15
13.0
ECEG2EU182M( )
N
F
2200
51
83
2.88
0.15
22.0
ECEG2EU222L( )
N
C
F
3300
51
103
3.75
0.15
22.0
ECEG2EU332K( )
N
C
F
3900
51
125
4.38
0.15
22.0
ECEG2EU392J( )
N
C
F
250
4700
51
145
5.25
0.15
22.0
ECEG2EU472H( )
N
C
F
64
103
5.25
0.15
28.6
ECEG2EU472G( )
N
C
F
5600
64
125
6.00
0.15
28.6
ECEG2EU562F( )
N
C
F
6800
64
145
7.13
0.15
28.6
ECEG2EU682E( )
N
C
F
10000
77
125
9.13
0.15
31.8
ECEG2EU103D( )
N
C
F
12000
77
145
10.6
0.15
31.8
ECEG2EU123C( )
N
C
F
15000
90
150
13.1
0.15
31.8
ECEG2EU153A( )
N
F
D.F.
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECEG1CU274F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG2CG103E PANASONIC-ECEG2CG103E Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG123D PANASONIC-ECEG2CG123D Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG153C PANASONIC-ECEG2CG153C Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG222N PANASONIC-ECEG2CG222N Datasheet
58Kb / 3P
   Screw Terminal Type
More results

Similar Description - ECEG1CU274F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com