Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1K332HJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETUQ1K332HJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1K332HJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETUQ1K332HJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1K332HJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
63
2200
22
25
EETUQ1J222HJ
2.5
0.30
200
2700
22
30
EETUQ1J272HJ
3.7
0.30
200
3300
22
30
EETUQ1J332HJ
4.1
0.30
200
25
25
EETUQ1J332JJ
4.1
0.30
200
3900
22
35
EETUQ1J392HJ
4.4
0.30
200
25
30
EETUQ1J392JJ
4.4
0.30
200
4700
22
40
EETUQ1J472HJ
4.9
0.30
200
25
35
EETUQ1J472JJ
4.9
0.30
200
30
25
EETUQ1J472KJ
4.9
0.30
200
5600
22
45
EETUQ1J562HJ
5.4
0.30
200
25
40
EETUQ1J562JJ
5.4
0.30
200
6800
25
45
EETUQ1J682JJ
5.8
0.30
200
30
30
EETUQ1J682KJ
5.8
0.30
200
35
25
EETUQ1J682LJ
6.0
0.30
200
8200
25
50
EETUQ1J822JJ
6.0
0.30
200
30
35
EETUQ1J822KJ
6.0
0.30
100
35
30
EETUQ1J822LJ
6.5
0.30
200
10000
30
40
EETUQ1J103KJ
6.5
0.30
100
35
35
EETUQ1J103LJ
6.5
0.30
100
12000
30
45
EETUQ1J123KJ
7.2
0.30
100
35
40
EETUQ1J123LJ
7.2
0.30
100
15000
35
45
EETUQ1J153LJ
7.9
0.30
100
18000
35
50
EETUQ1J183LJ
8.6
0.30
100
80
1500
22
25
EETUQ1K152HJ
2.3
0.25
200
1800
22
30
EETUQ1K182HJ
2.5
0.25
200
2200
22
35
EETUQ1K222HJ
2.7
0.25
200
25
25
EETUQ1K222JJ
2.7
0.25
200
2700
22
40
EETUQ1K272HJ
2.8
0.25
200
25
30
EETUQ1K272JJ
2.8
0.25
200
3300
22
45
EETUQ1K332HJ
3.2
0.25
200
25
35
EETUQ1K332JJ
3.2
0.25
200
30
25
EETUQ1K332KJ
3.2
0.25
200
3900
22
50
EETUQ1K392HJ
3.6
0.25
200
25
40
EETUQ1K392JJ
3.6
0.25
200
4700
25
45
EETUQ1K472JJ
4.1
0.25
200
30
30
EETUQ1K472KJ
4.1
0.25
200
5600
25
50
EETUQ1K562JJ
4.6
0.25
200
30
35
EETUQ1K562KJ
4.6
0.25
100
35
30
EETUQ1K562LJ
4.6
0.25
200
6800
30
45
EETUQ1K682KJ
5.2
0.25
100
35
35
EETUQ1K682LJ
5.2
0.25
100
8200
30
50
EETUQ1K822KJ
5.8
0.25
100
35
40
EETUQ1K822LJ
5.8
0.25
100
10000
35
45
EETUQ1K103LJ
6.4
0.25
100
12000
35
50
EETUQ1K123LJ
7.0
0.25
100
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETUQ1K332HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1K332HJ PANASONIC-EETUQ1K332HJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1K332HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com