Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1JA392DJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECEC1JA392DJ
Description  Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1JA392DJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECEC1JA392DJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1JA392DJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1JA392DJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1JA392DJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1JA392DJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1JA392DJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1JA392DJ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aluminum Electrolytic Capacitors/ HA
 EE151 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
35
50
63
Standard Products
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
8200
22
50
2.9
0.30
ECEC1VA822BJ
200
25
40
2.9
0.30
ECEC1VA822CJ
200
30
30
2.9
0.30
ECEC1VA822DJ
200
35
25
2.9
0.30
ECEC1VA822EJ
200
10000
25
45
3.2
0.30
ECEC1VA103CJ
200
30
35
3.2
0.30
ECEC1VA103DJ
100
35
30
3.2
0.30
ECEC1VA103EJ
200
12000
25
50
3.5
0.30
ECEC1VA123CJ
200
30
40
3.5
0.30
ECEC1VA123DJ
100
35
30
3.5
0.30
ECEC1VA123EJ
200
15000
30
45
3.9
0.30
ECEC1VA153DJ
100
35
35
3.9
0.30
ECEC1VA153EJ
100
18000
35
40
4.3
0.30
ECEC1VA183EJ
100
22000
35
50
5.0
0.30
ECEC1VA223EJ
100
1800
22
25
1.5
0.25
ECEC1HA182BJ
200
2200
22
30
1.7
0.25
ECEC1HA222BJ
200
2700
22
30
1.8
0.25
ECEC1HA272BJ
200
25
25
1.8
0.25
ECEC1HA272CJ
200
3300
22
35
2.0
0.25
ECEC1HA332BJ
200
25
30
2.0
0.25
ECEC1HA332CJ
200
3900
22
40
2.2
0.25
ECEC1HA392BJ
200
25
35
2.2
0.25
ECEC1HA392CJ
200
30
25
2.2
0.25
ECEC1HA392DJ
200
4700
22
45
2.5
0.25
ECEC1HA472BJ
200
25
40
2.5
0.25
ECEC1HA472CJ
200
30
30
2.5
0.25
ECEC1HA472DJ
200
35
25
2.5
0.25
ECEC1HA472EJ
200
5600
22
50
2.8
0.25
ECEC1HA562BJ
200
25
40
2.8
0.25
ECEC1HA562CJ
200
30
35
2.8
0.25
ECEC1HA562DJ
100
35
30
2.8
0.25
ECEC1HA562EJ
200
6800
25
50
3.3
0.25
ECEC1HA682CJ
200
30
40
3.3
0.25
ECEC1HA682DJ
100
35
30
3.3
0.25
ECEC1HA682EJ
200
8200
30
45
3.6
0.25
ECEC1HA822DJ
100
35
35
3.6
0.25
ECEC1HA822EJ
100
10000
30
50
4.0
0.25
ECEC1HA103DJ
100
35
40
4.0
0.25
ECEC1HA103EJ
100
12000
35
45
4.5
0.25
ECEC1HA123EJ
100
15000
35
50
4.8
0.25
ECEC1HA153EJ
100
1200
22
25
1.4
0.20
ECEC1JA122BJ
200
1500
22
30
1.5
0.20
ECEC1JA152BJ
200
Endurance : 105
°C 2000h
Terminal Pitch : 10m
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1JA392DJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1JP102BL PANASONIC-ECEC1JP102BL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECEC1JP103EJ PANASONIC-ECEC1JP103EJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC1JP123EJ PANASONIC-ECEC1JP123EJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC1JP222BJ PANASONIC-ECEC1JP222BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC1JP222CJ PANASONIC-ECEC1JP222CJ Datasheet
143Kb / 13P
   Snap-in Type
More results

Similar Description - ECEC1JA392DJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com