Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41252A5828M000 Datasheet(PDF) 8 Page - EPCOS

Part # B41252A5828M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252A5828M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B41252A5828M000 Datasheet HTML 4Page - EPCOS B41252A5828M000 Datasheet HTML 5Page - EPCOS B41252A5828M000 Datasheet HTML 6Page - EPCOS B41252A5828M000 Datasheet HTML 7Page - EPCOS B41252A5828M000 Datasheet HTML 8Page - EPCOS B41252A5828M000 Datasheet HTML 9Page - EPCOS B41252A5828M000 Datasheet HTML 10Page - EPCOS B41252A5828M000 Datasheet HTML 11Page - EPCOS B41252A5828M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
VR = 16 V DC
27000
25.4
× 50
0.35
10.17
7.74
4.42
B41252A4279M000
27000
30
× 40
0.35
10.10
7.68
4.39
B41252B4279M000
27000
35
× 30
0.35
9.87
7.51
4.29
B41252C4279M000
33000
30
× 45
0.35
11.02
8.38
4.79
B41252A4339M000
33000
35
× 35
0.35
10.83
8.24
4.71
B41252B4339M000
39000
30
× 50
0.35
11.87
9.03
5.16
B41252A4399M000
39000
35
× 40
0.35
11.73
8.93
5.10
B41252B4399M000
47000
35
× 45
0.35
12.65
9.63
5.50
B41252A4479M000
VR = 25 V DC
4700
22
× 25
0.30
3.98
3.03
1.73
B41252A5478M000
5600
22
× 30
0.30
4.55
3.47
1.98
B41252A5568M000
6800
22
× 30
0.30
4.92
3.75
2.14
B41252A5688M000
8200
22
× 35
0.30
5.57
4.24
2.42
B41252A5828M000
8200
25.4
× 30
0.30
5.75
4.38
2.50
B41252B5828M000
10000
22
× 40
0.30
6.37
4.85
2.77
B41252A5109M000
10000
25.4
× 35
0.30
6.62
5.04
2.88
B41252B5109M000
12000
22
× 45
0.30
7.11
5.41
3.09
B41252A5129M000
12000
25.4
× 40
0.30
7.41
5.64
3.22
B41252B5129M000
12000
30
× 30
0.30
7.25
5.51
3.15
B41252C5129M000
15000
25.4
× 45
0.30
8.33
6.34
3.62
B41252A5159M000
15000
30
× 35
0.30
8.21
6.25
3.57
B41252B5159M000
15000
35
× 30
0.30
8.40
6.39
3.65
B41252C5159M000
18000
25.4
× 50
0.30
9.15
6.97
3.98
B41252A5189M000
18000
30
× 40
0.30
9.09
6.91
3.95
B41252B5189M000
18000
35
× 35
0.30
9.34
7.11
4.06
B41252C5189M000
22000
30
× 45
0.30
10.03
7.63
4.36
B41252A5229M000
22000
35
× 35
0.30
9.84
7.49
4.28
B41252B5229M000
27000
35
× 45
0.30
11.32
8.61
4.29
B41252A5279M000
VR = 35 V DC
3300
22
× 25
0.20
2.90
2.21
1.26
B41252A7338M000
3900
22
× 30
0.20
4.32
3.29
1.88
B41252B7398M000
4700
22
× 35
0.20
4.92
3.75
2.14
B41252A7478M000
4700
25.4
× 25
0.20
4.81
3.66
2.09
B41252B7478M000
5600
22
× 35
0.20
5.27
4.01
2.29
B41252A7568M000
5600
25.4
× 30
0.20
5.45
4.15
2.37
B41252B7568M000
5600
30
× 25
0.20
5.59
4.25
2.43
B41252C7568M000
B41252
Standard series
105
°C
Page 8 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41252A5828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41252A5828M000 EPCOS-B41252A5828M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41252A5828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com