Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEG2CU153D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEG2CU153D
Description  Screw Terminal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG2CU153D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEG2CU153D Datasheet HTML 1Page - Panasonic Semiconductor ECEG2CU153D Datasheet HTML 2Page - Panasonic Semiconductor ECEG2CU153D Datasheet HTML 3Page - Panasonic Semiconductor ECEG2CU153D Datasheet HTML 4Page - Panasonic Semiconductor ECEG2CU153D Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aluminium Electrolytic Capacitors/GYU
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE177 –
Series:
GYU
-40 to + 85
°C
-25 to + 85
°C
10 to 100 V .DC
160 to 250 V .DC
5600 to 1000000 µ F
1200 to 27000 µ F
-10 to +30% (120Hz/+20
°C)
Japan
U.S.A.
0.95
0.97
0.98
0.92
0.94
0.96
0.90
0.93
0.95
0.80
0.86
0.90
0.71
0.83
0.85
50
60
120
300
360
1k
10k to
36
51, 64
77, 90
36
51, 64
77, 90
36
51, 64
77, 90
36
51, 64
77, 90
36
51, 64
77, 90
φD
36
51
64
77
90
F
13.0
22.0
28.6
31.8
31.8
(mm)
0.96
0.98
0.99
0.95
0.96
0.97
0.94
0.97
0.98
0.86
0.91
0.95
0.79
0.88
0.90
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.02
1.01
1.01
1.06
1.05
1.03
1.06
1.04
1.02
1.07
1.05
1.05
1.09
1.07
1.05
1.03
1.02
1.02
1.08
1.07
1.05
1.09
1.06
1.03
1.08
1.06
1.06
1.10
1.08
1.06
1.04
1.03
1.03
1.11
1.10
1.08
1.13
1.10
1.07
1.12
1.08
1.08
1.15
1.13
1.11
1.04
1.03
1.03
1.12
1.11
1.09
1.15
1.13
1.08
1.17
1.10
1.10
1.21
1.20
1.20
Freq.(Hz)
φD(mm)
W.V.(V)
10 to 50
63, 80
100
160, 200
250
8.4
45°
120
°
φD
2
W
1
H
59 max
48±1
6
Type 1;
φ36
Type 2
Type 3
14
A
B
2-3.5
×7
26
max
(mm)
W2
φD
A
B
C
E
H max
51
64
77
80.0
93.0
104.5
68.0
81.0
93.5
57.5
70.0
90.0
4.4
5.0
5.0
13
13
13
φD
φD1
φD2
W1
W2
51
64
77
90
65.0
76.0
89.0
101.6
74.0
86.0
100.0
113.0
9.0
8.0
8.0
8.0
14.0
13.0
14.0
14.0
n
Recommended Applications
Screw Terminal Type
n
Features
n
Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
Dissipation Factor
Endurance
Shelf Life
n
Frequency Correction Factor for Ripple Current
n
Dimensions in mm (not to scale)
n
Mounting clamp
Endurance : +85
°C 2000 h
Suitable for the circuits of switching power supply,computer,inverter
(µA) max. after 5 minutes application of rated working voltage +20
°C
C:Capacitance(µF) V: W.V. (V.DC)
3ヨCV
Please see the attached standard products list
After 2000 hours application of DC voltage with specified ripple current (< rated DC working
voltage) at +85
°C, the capacitor shall meet the following limits.
Capacitance change
D.F.
DC leakage current
±20 % of initial measured value
<
150 % of initial specified value
<
initial specified value
After storage for 1000hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in ìEnduranceî.(With voltage treatment)
L+4 max
9 max
M5x12
Hexagonal-bolt
Vent
P.V.C. sleeve
Discontinued
Mar. 2005


Similar Part No. - ECEG2CU153D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG2CG103E PANASONIC-ECEG2CG103E Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG123D PANASONIC-ECEG2CG123D Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG153C PANASONIC-ECEG2CG153C Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG222N PANASONIC-ECEG2CG222N Datasheet
58Kb / 3P
   Screw Terminal Type
More results

Similar Description - ECEG2CU153D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com