Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEG2DU682G Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEG2DU682G
Description  Screw Terminal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG2DU682G Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEG2DU682G Datasheet HTML 1Page - Panasonic Semiconductor ECEG2DU682G Datasheet HTML 2Page - Panasonic Semiconductor ECEG2DU682G Datasheet HTML 3Page - Panasonic Semiconductor ECEG2DU682G Datasheet HTML 4Page - Panasonic Semiconductor ECEG2DU682G Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminium Electrolytic Capacitors/GYU
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE178 –
Endurance : 85
°C 2000h
n
(mm)
(V)
(µF)
(A)
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp clamp
3 point
Terminal
Part No.
Specification
Dia.
Length
Case size
Cap.
(-10 to+30%)
W.V.
Ripple
current
(120Hz)
(+85˚C)
Pitch
Standard Products
68000
36
83
5.9
0.45
13.0
ECEG1AU683P( )
N
F
82000
36
103
7.1
0.45
13.0
ECEG1AU823N( )
N
F
100000
36
125
8.5
0.45
13.0
ECEG1AU104M( )
N
F
150000
51
83
10.0
0.65
22.0
ECEG1AU154L( )
N
C
F
220000
51
103
13.1
0.65
22.0
ECEG1AU224K( )
N
C
F
270000
51
125
15.6
0.65
22.0
ECEG1AU274J( )
N
C
F
10
330000
51
145
17.5
0.65
22.0
ECEG1AU334H( )
N
C
F
64
103
17.5
0.90
28.6
ECEG1AU334G( )
N
C
F
390000
64
125
20.6
0.90
28.6
ECEG1AU394F( )
N
C
F
560000
64
145
26.2
0.90
28.6
ECEG1AU564E( )
N
C
F
680000
77
125
26.8
1.60
31.8
ECEG1AU684D( )
N
C
F
820000
77
145
29.4
1.60
31.8
ECEG1AU824C( )
N
C
F
1000000
90
150
30.6
2.00
31.8
ECEG1AU105A( )
N
F
39000
36
83
5.5
0.40
13.0
ECEG1CU393P( )
N
F
56000
36
103
7.3
0.40
13.0
ECEG1CU563N( )
N
F
68000
36
125
8.8
0.40
13.0
ECEG1CU683M( )
N
F
100000
51
83
9.6
0.60
22.0
ECEG1CU104L( )
N
C
F
120000
51
103
11.3
0.60
22.0
ECEG1CU124K( )
N
C
F
150000
51
125
13.8
0.60
22.0
ECEG1CU154J( )
N
C
F
16
180000
51
145
14.1
0.60
22.0
ECEG1CU184H( )
N
C
F
220000
64
103
15.6
0.75
28.6
ECEG1CU224G( )
N
C
F
270000
64
125
18.7
0.75
28.6
ECEG1CU274F( )
N
C
F
330000
64
145
21.9
0.75
28.6
ECEG1CU334E( )
N
C
F
390000
77
125
23.1
1.10
31.8
ECEG1CU394D( )
N
C
F
470000
77
145
26.9
1.10
31.8
ECEG1CU474C( )
N
C
F
680000
90
150
30.6
1.50
31.8
ECEG1CU684A( )
N
F
27000
36
83
5.8
0.35
13.0
ECEG1EU273P( )
N
F
39000
36
103
7.5
0.35
13.0
ECEG1EU393N( )
N
F
47000
36
125
9.0
0.35
13.0
ECEG1EU473M( )
N
F
82000
51
83
10.0
0.55
22.0
ECEG1EU823L( )
N
C
F
100000
51
103
11.9
0.55
22.0
ECEG1EU104K( )
N
C
F
120000
51
125
14.4
0.55
22.0
ECEG1EU124J( )
N
C
F
25
150000
51
145
16.9
0.55
22.0
ECEG1EU154H( )
N
C
F
180000
64
103
17.5
0.65
28.6
ECEG1EU184G( )
N
C
F
220000
64
125
18.8
0.65
28.6
ECEG1EU224F( )
N
C
F
270000
64
145
22.5
0.65
28.6
ECEG1EU274E( )
N
C
F
330000
77
125
23.1
0.75
31.8
ECEG1EU334D( )
N
C
F
390000
77
145
26.9
0.75
31.8
ECEG1EU394C( )
N
C
F
470000
90
150
29.4
1.0
31.8
ECEG1EU474A( )
N
F
22000
36
83
5.2
0.30
13.0
ECEG1VU223P( )
N
F
35
27000
36
103
6.2
0.30
13.0
ECEG1VU273N( )
N
F
33000
36
125
7.5
0.30
13.0
ECEG1VU333M( )
N
F
D.F.
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECEG2DU682G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG2DG123D PANASONIC-ECEG2DG123D Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2DG152P PANASONIC-ECEG2DG152P Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2DG153C PANASONIC-ECEG2DG153C Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2DG182N PANASONIC-ECEG2DG182N Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2DG183A PANASONIC-ECEG2DG183A Datasheet
58Kb / 3P
   Screw Terminal Type
More results

Similar Description - ECEG2DU682G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com