Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16501 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVCH16501
Description  18-bit universal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVCH16501 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH16501 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74ALVCH16501_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 2 April 2010
2 of 18
NXP Semiconductors
74ALVCH16501
18-bit universal bus transceiver; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVCH16501DGG
−40 °C to +85 °C
TSSOP56
plastic thin shrink small outline package;
56 leads; body width 6.1 mm
SOT364-1
74ALVCH16501DL
−40 °C to +85 °C
SSOP56
plastic shrink small outline package; 56 leads;
body width 7.5 mm
SOT371-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aal718
A0
3
54
B0
A1
5
52
B1
A2
6
51
B2
A3
8
49
B3
A4
9
48
B4
A5
10
47
B5
A6
12
45
B6
A7
13
44
B7
A8
14
43
B8
A9
15
42
B9
A10
16
41
B10
A11
17
40
B11
A12
19
38
B12
A13
20
37
B13
A14
21
36
B14
A15
23
34
B15
A16
24
33
B16
A17
26
31
B17
OEAB
127
OEBA
LEAB
228
LEBA
CPAB
55
30
CPBA
001aal717
1
OEAB
27
OEBA
55
CPAB
2
LEAB
30
CPBA
28
LEBA
3
A0
3D
1
1
41
6D
54
B0
5
A1
52
B1
6
A2
51
B2
8
A3
49
B3
9
A4
48
B4
10
A5
47
B5
12
A6
45
B6
13
A7
44
B7
14
A8
43
B8
15
A9
42
B9
16
A10
41
B10
17
A11
40
B11
19
A12
38
B12
20
A13
37
B13
21
A14
36
B14
23
A15
34
B15
24
A16
33
B16
26
A17
31
B17
EN1
EN4
2C3
C3
5C6
C6
G2
G5


Similar Part No. - 74ALVCH16501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
logo
NXP Semiconductors
74ALVCH16501DGG PHILIPS-74ALVCH16501DGG Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
logo
Nexperia B.V. All right...
74ALVCH16501DGG NEXPERIA-74ALVCH16501DGG Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
logo
Texas Instruments
74ALVCH16501DGGRG4 TI-74ALVCH16501DGGRG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com