Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH32501 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVCH32501
Description  36-bit universal bus transceiver with direction pin; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH32501 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2004 Oct 13
2
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
3-state
74ALVCH32501
FEATURES
• 3-state non-inverting outputs for bus oriented
applications
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A
• Current drive ±24 mA at 3.0 V
• Universal bus transceiver with D-type latches and
D-type flip-flops capable of operating in transparent,
latched or clocked mode
• CMOS low power consumption
• Direct interface with TTL levels
• All inputs have bus-hold circuitry
• Output drive capability 50 Ω transmission lines at 85 °C
• Plastic fine-pitch ball grid array package.
DESCRIPTION
The 74ALVCH32501 is a high-performance CMOS
product designed for VCC operation at 2.5 V and 3.3 V.
Active bus-hold circuitry is provided to hold unused or
floating data inputs at a valid logic level.
The 74ALVCH32501 can be used as two 18-bit
transceivers or one 36-bit transceiver featuring
non-inverting 3-state bus compatible outputs in both send
and receive directions. Data flow in each direction is
controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock inputs (CPAB and CPBA).
For A-to-B data flow, the device operates in the
transparent mode when LEAB is HIGH. When input LEAB is
LOW, the A data is latched if input CPAB is held at a HIGH
or LOW level. If input LEAB is LOW, the A data is stored in
the latch/flip-flop on the LOW-to-HIGH transition of CPAB.
When input OEAB is HIGH, the outputs are active. When
input OEAB is LOW, the outputs are in the high-impedance
state.
Data flow for B-to-A is similar to that of A-to-B, but uses
inputs OEBA, LEBA and CPBA. The output enables are
complimentary (OEAB is active HIGH, and OEBA is active
LOW).
To ensure the high-impedance state during power-up or
power-down, pin OEBA should be tied to VCC through a
pull-up resistor and pin OEAB should be tied to GND
through a pull-down resistor. The minimum value of the
resistor is determined by the current-sinking or
current-sourcing capability of the driver.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Note
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
tPHL/tPLH
propagation delay An to Bn;Bn to An
CL = 30 pF; VCC = 2.5 V
2.8
ns
CL = 50 pF; VCC = 3.3 V
3.0
ns
CI
input capacitance
4.0
pF
CI/O
input/output capacitance
8.0
pF
CPD
power dissipation capacitance per latch
VI = GND to VCC; note 1
outputs enabled
21
pF
outputs disabled
3
pF


Similar Part No. - 74ALVCH32501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH32501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com