Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32335I6286J080 Datasheet(PDF) 2 Page - EPCOS

Part # B32335I6286J080
Description  Film Capacitors - AC Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32335I6286J080 Datasheet(HTML) 2 Page - EPCOS

  B32335I6286J080 Datasheet HTML 1Page - EPCOS B32335I6286J080 Datasheet HTML 2Page - EPCOS B32335I6286J080 Datasheet HTML 3Page - EPCOS B32335I6286J080 Datasheet HTML 4Page - EPCOS B32335I6286J080 Datasheet HTML 5Page - EPCOS B32335I6286J080 Datasheet HTML 6Page - EPCOS B32335I6286J080 Datasheet HTML 7Page - EPCOS B32335I6286J080 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
B32335 – Dual MotorCap™, 450 V
FC PC AC PM
January 2010
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
Metallized polypropylene film
Aluminum can with plastic top
Soft polyurethane resin
Applications
For general sine wave applications,
mainly as motor run capacitor for air condition application
Features
Self-healing properties
Low dissipation factor
Highest safety level P2 to IEC 60252-1 2001-02
Overpressure disconnection device
High insulation resistance
EN 60335 compliance on request
Terminals
Single fast on 6.3 x 0.8 mm for FAN (F)
Double fast on 6.3 x 0.8 mm for HERM (H)
Quadruple fast on 6.3 x 0.8 Common (C)
Other terminations on request
Mounting parts
Threaded stud at bottom of can (M8, max. torque = 5 Nm) as option
Technical data and specifications
Reference standards
IEC 60252-1 2001-02
EN 60252 2001
UL 810
Life expectance to IEC 60252 2001
450 V: 10,000 h (class B)
Safety class according to IEC 60252-1 2001-02
P2
UL 810 file E 106388
Approved Component
10000 AFC protected up to 450 V
Rated capacitance CR
10+1 to 60+10µF
Tolerance
5%
Permitted capacitance
C/C
3 %
Rated voltage VR
450 V AC
Rated frequency fR
50 / 60 Hz


Similar Part No. - B32335I6286J080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32335I6286J00 TDK-B32335I6286J00 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
More results

Similar Description - B32335I6286J080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com