Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH8T245 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AVCH8T245
Description  8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH8T245 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AVCH8T245 Datasheet HTML 1Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 2Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 3Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 4Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 5Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 6Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 7Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 8Page - NXP Semiconductors 74AVCH8T245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74AVCH8T245_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
5 of 24
NXP Semiconductors
74AVCH8T245
8-bit dual supply translating transceiver; 3-state
[1]
The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCO + 0.5 V should not exceed 4.6 V.
[4]
For TSSOP24 package: Ptot derates linearly at 5.5 mW/K above 60 °C.
For DHVQFN24 package: Ptot derates linearly at 4.5 mW/K above 60 °C.
8.
Recommended operating conditions
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the input port.
9.
Static characteristics
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[4] -
500
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.8
3.6
V
VCC(B)
supply voltage B
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
[1] 0VCCO
V
Suspend or 3-state mode
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCCI = 0.8 V to 3.6 V
[2] -
5
ns/V
Table 6.
Typical static characteristics at Tamb = 25 °C[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.69
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.07
-
V
II
input leakage current
DIR, OE input; VI = 0 V or 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
±0.025 ±0.25 µA
IBHL
bus hold LOW current
A or B port; VI = 0.42 V; VCC(A) =VCC(B) = 1.2 V
[3] -26
-
µA
IBHH
bus hold HIGH current
A or B port; VI = 0.78 V; VCC(A) =VCC(B) = 1.2 V
[4] -
−24
-
µA
IBHLO
bus hold LOW overdrive
current
A or B port; VCC(A) = VCC(B) = 1.2 V
[5] -27
-
µA
IBHHO
bus hold HIGH overdrive
current
A or B port; VCC(A) = VCC(B) = 1.2 V
[6] -
−26
-
µA


Similar Part No. - 74AVCH8T245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
74AVCH8T245BQ NEXPERIA-74AVCH8T245BQ Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
Texas Instruments
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
460Kb / 19P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VILTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
570Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
656Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH8T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
NXP Semiconductors
74AVC8T245 PHILIPS-74AVC8T245_15 Datasheet
161Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com