Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4538BP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HEF4538BP
Description  Dual precision monostable multivibrator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4538BP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HEF4538BP Datasheet HTML 7Page - NXP Semiconductors HEF4538BP Datasheet HTML 8Page - NXP Semiconductors HEF4538BP Datasheet HTML 9Page - NXP Semiconductors HEF4538BP Datasheet HTML 10Page - NXP Semiconductors HEF4538BP Datasheet HTML 11Page - NXP Semiconductors HEF4538BP Datasheet HTML 12Page - NXP Semiconductors HEF4538BP Datasheet HTML 13Page - NXP Semiconductors HEF4538BP Datasheet HTML 14Page - NXP Semiconductors HEF4538BP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HEF4538B_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 2 November 2009
11 of 17
NXP Semiconductors
HEF4538B
Dual precision monostable multivibrator
a. REXT = 100 kΩ; CEXT = 100 nF
b. REXT = 100 kΩ; CEXT = 2 nF
(1) VDD = 5 V.
(2) VDD = 10 V.
(3) VDD = 15 V.
∆t
W = 0 % at VDD = 10 V and Tamb = 25 °C
Fig 8.
Typical normalized change in output pulse width as a function of ambient temperature
Tamb (°C)
−80
100
80
040
−40
001aae738
0
1
−1
2
3
∆tW
(%)
−2
(3)
(2)
(1)
Tamb (°C)
−80
100
80
040
−40
001aae739
0
1
−1
2
3
∆tW
(%)
−2
(1)
(2)
(3)
Tamb = 25 °C; ∆tW = 0 % at VDD = 10 V; REXT = 100 kΩ
(1) CEXT = 2 nF.
(2) CEXT = 100 nF.
REXT = 100 kΩ; CEXT = 100 nF; CL = 50 pF;
one monostable multivibrator switching only
(1) VDD = 15 V.
(2) VDD = 10 V.
(3) VDD = 5 V.
Fig 9.
Typical normalized change in output pulse
width as a function of the supply voltage
Fig 10. Total supply current as a function of the output
duty factor
VDD (V)
016
12
48
001aae740
0
1
−1
2
3
∆tW
(%)
−2
(1)
(2)
001aae741
δ (%)
10−2
102
10
10−1
1
1
10
102
103
IDD
(
µA)
10−1
(1)
(2)
(3)


Similar Part No. - HEF4538BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4538BP PHILIPS-HEF4538BP Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538BP NXP-HEF4538BP Datasheet
130Kb / 18P
   Dual precision monostable multivibrator
Rev. 8-16 November 2011
More results

Similar Description - HEF4538BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEC4538BT-T NXP-HEC4538BT-T Datasheet
130Kb / 18P
   Dual precision monostable multivibrator
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
   Dual precision monostable multivibrator
HEF4538B NEXPERIA-HEF4538B Datasheet
246Kb / 14P
   Dual precision monostable multivibrator
Rev. 12 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com