Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41252A9128M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41252A9128M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252A9128M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41252A9128M000 Datasheet HTML 5Page - EPCOS B41252A9128M000 Datasheet HTML 6Page - EPCOS B41252A9128M000 Datasheet HTML 7Page - EPCOS B41252A9128M000 Datasheet HTML 8Page - EPCOS B41252A9128M000 Datasheet HTML 9Page - EPCOS B41252A9128M000 Datasheet HTML 10Page - EPCOS B41252A9128M000 Datasheet HTML 11Page - EPCOS B41252A9128M000 Datasheet HTML 12Page - EPCOS B41252A9128M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
VR = 35 V DC
6800
22
× 40
0.20
6.00
4.57
2.61
B41252A7688M000
6800
25.4
× 35
0.20
6.23
4.74
2.71
B41252B7688M000
6800
30
× 30
0.20
6.42
4.88
2.79
B41252C7688M000
8200
22
× 50
0.20
6.95
5.29
3.02
B41252A7828M000
8200
25.4
× 40
0.20
6.95
5.29
3.02
B41252B7828M000
8200
30
× 30
0.20
6.79
5.16
2.95
B41252C7828M000
10000
25.4
× 45
0.20
7.89
6.00
3.43
B41252A7109M000
10000
30
× 35
0.20
7.77
5.92
3.38
B41252B7109M000
12000
25.4
× 50
0.20
8.69
6.62
3.78
B41252A7129M000
12000
30
× 40
0.20
8.63
6.56
3.75
B41252B7129M000
12000
35
× 30
0.20
8.44
6.42
3.67
B41252C7129M000
15000
30
× 45
0.20
9.64
7.33
4.19
B41252A7159M000
15000
35
× 35
0.20
9.48
7.21
4.12
B41252B7159M000
18000
35
× 40
0.20
10.40
7.91
4.52
B41252A7189M000
22000
35
× 45
0.20
11.39
8.66
4.95
B41252A7229M000
VR = 50 V DC
2700
22
× 30
0.20
4.46
3.40
1.94
B41252A6278M000
3300
22
× 35
0.20
5.06
3.85
2.20
B41252A6338M000
3900
22
× 40
0.20
5.80
4.41
2.52
B41252A6398M000
3900
25.4
× 35
0.20
6.03
4.59
2.62
B41252B6398M000
3900
30
× 25
0.20
5.84
4.45
2.54
B41252C6398M000
4700
22
× 45
0.20
6.46
4.92
2.81
B41252A6478M000
4700
25.4
× 40
0.20
6.74
5.13
2.93
B41252B6478M000
4700
30
× 30
0.20
6.60
5.02
2.87
B41252C6478M000
5600
22
× 50
0.20
7.15
5.44
3.11
B41252A6568M000
5600
25.4
× 40
0.20
7.15
5.44
3.11
B41252B6568M000
5600
30
× 35
0.20
7.38
5.62
3.21
B41252C6568M000
6800
25.4
× 50
0.20
8.37
6.37
3.64
B41252A6688M000
6800
30
× 40
0.20
8.30
6.32
3.61
B41252B6688M000
6800
35
× 30
0.20
8.12
6.18
3.53
B41252C6688M000
8200
30
× 45
0.20
9.06
6.90
3.94
B41252A6828M000
8200
35
× 35
0.20
8.90
6.77
3.87
B41252B6828M000
10000
30
× 50
0.20
10.17
7.74
4.42
B41252A6109M000
10000
35
× 40
0.20
10.05
7.65
4.37
B41252B6109M000
12000
35
× 45
0.20
10.99
8.37
4.78
B41252A6129M000
15000
35
× 50
0.20
12.05
9.17
5.24
B41252A6159M000
B41252
Standard series
105
°C
Page 9 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41252A9128M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41252A9128M000 EPCOS-B41252A9128M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41252A9128M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com