Electronic Components Datasheet Search |
|
ECEC2EP821DJ Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECEC2EP821DJ Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 13 page Aluminum Electrolytic Capacitors/ UP EE174 Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar.2006 Japan Malaysia U.S.A (ii) Snap-in Type n Features n Recommended Applications n Specifications n Dimensions in mm (not to scale) Endurance: 85 °C 2000 h Length 20 mm RoHS directive compliant Smoothing circuits, AC adaptor, 10.0±0.1 L+2.0 max (10.0) 2- φ2.0±0.1 PET Sleeve Vent Polarity bar Recommended PWB piercing plan (ii) Regarding USA product, Please check PEDCA s Catalog. Country of Origin +0.2 0.8 -0.1 1.5 ± 0.2 2.0max Terminal (t= 0.8) Bottom of can Standard terminal type does not require terminal trimming process. UP TS Series: Type : , -40 to + 85 °C -25 to + 85 °C 16 to 250 V .DC 315 to 450 V .DC 120 to 68000 µ F 33 to 820 µ F ±20 % (120Hz/+20 °C) Frequency (Hz) 16 to 100V 160 to 450V 50 60 100 120 500 1k 10k to 0.93 0.95 0.99 1.00 1.05 1.08 1.15 0.75 0.80 0.95 1.00 1.20 1.25 1.40 (µA) max. after 5 minutes application of rated working voltage at +20 °C. C:Capacitance(µF) V: W.V. (V.DC) 3 √CV Category temp. range Rated W.V. Range Nominal Cap. Range DC Leakage Current Capacitance Tolerance tan δ Endurance Shelf Life After 2000 hours application of DC voltage with specified ripple current (< rated DC working voltage) at +85 °C, the capacitor shall meet the following limits. Please see the attached standard products list Capacitance change tan δ DC leakage current ±20 % of initial measured value < 200 % of initial specified value < initial specified value After storage for 1000 hours at +85±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance.(With voltage treatment) Frequency Correction Factor for Ripple Current Correction Factor 4.0 ± 0.5 |
Similar Part No. - ECEC2EP821DJ |
|
Similar Description - ECEC2EP821DJ |