Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52254AF80 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF52254AF80
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52254AF80 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF52254AF80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52254AF80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Family Configurations
MCF52259 ColdFire Microcontroller, Rev. 3
Freescale Semiconductor
3
1
Family Configurations
Table 1. MCF52259 Family Configurations
Module
52252
52254
52255
52256
52258
52259
Version 2 ColdFire Core with eMAC
(Enhanced multiply-accumulate unit) and CAU
(Cryptographic acceleration unit)
••••••
System Clock
up to 66 or 80 MHz1
1 66 MHz = 63 MIPS; 80 MHz = 76 MIPS
up to
80 MHz1
up to 66 or 80 MHz1
up to
80 MHz1
Performance (Dhrystone 2.1 MIPS)
up to 63 or 76
Flash
256 KB
512 KB
512 KB
256 KB
512 KB
512 KB
Static RAM (SRAM)
32 KB
64 KB
64 KB
32 / 64 KB
64 KB
64 KB
Two Interrupt Controllers (INTC)
••••••
Fast Analog-to-Digital Converter (ADC)
••••••
USB On-The-Go (USB OTG)
••••••
Mini-FlexBus external bus interface
•••
Fast Ethernet Controller (FEC)
••••••
Random Number Generator and
Cryptographic Acceleration Unit (CAU)
——
——
FlexCAN 2.0B Module
Varies
Varies
Varies
Varies
Four-channel Direct-Memory Access (DMA)
••••••
Software Watchdog Timer (WDT)
••••••
Secondary Watchdog Timer
••••••
Two-channel Periodic Interrupt Timer (PIT)
2
22222
Four-Channel General Purpose Timer (GPT)
••••••
32-bit DMA Timers
4
44444
QSPI
••••••
UART(s)
3
33333
I2C
2
22222
Eight/Four-channel 8/16-bit PWM Timer
••••••
General Purpose I/O Module (GPIO)
••••••
Chip Configuration and Reset Controller Module
••••••
Background Debug Mode (BDM)
••••••
JTAG - IEEE 1149.1 Test Access Port
••••••
Package
100 LQFP
144 LQFP or 144 MAPBGA


Similar Part No. - MCF52254AF80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52254AF80 FREESCALE-MCF52254AF80 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
MCF52254AF80 FREESCALE-MCF52254AF80 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF52254AF80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com