Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA50U0R1W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA50U0R1W
Description  Aluminium Electrolytic Capacitors/SU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA50U0R1W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA50U0R1W Datasheet HTML 1Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 2Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 3Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 4Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 5Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 6Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 7Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 8Page - Panasonic Semiconductor ECEA50U0R1W Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Aluminium Electrolytic Capacitors/SU
Ñ EE2 Ñ
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
Cap. ( F)
W.V. (V)
DxL(mm)(mA) r.m.s (120Hz/+85
°C)
0.1
0.22
0.33
0.47
1.0
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
(0R1)
(R22)
(R33)
(R47)
(010)
(2R2)
(3R3)
(4R7)
(100)
(220)
(330)
(470)
(101)
(221)
(331)
(471)
(102)
(222)
(332)
(472)
(682)
(103)
(153)
6.3 (0J)
10 (1A)
16 (1C)
25 (1E)
35 (1V)
50 (1H)
63(1J)
(
) shows W.V. and capacitance code
h Place suffix “W” at the end of Part No.
5
6.3
6.3
8
10
12.5
12.5
16
16
16
18
x
x
x
x
x
x
x
x
x
x
x
11
11.2
11.2
11.5
12.5
20
20
25
25
31.5
35.5
130
240
300
380
580
890
1020
1170
1270
1450
1700
5
6.3
8
8
10
12.5
12.5
16
16
18
x
x
x
x
x
x
x
x
x
x
11
11.2
11.5
11.5
16
20
25
25
31.5
35.5
150
250
330
400
630
920
1090
1200
1400
1600
5
5
5
5
6.3
8
8
10
10
12.5
16
16
18
x
x
x
x
x
x
x
x
x
x
x
x
x
11
11
11
11
11.2
11.5
11.5
12.5
20
25
25
31.5
35.5
30
75
110
130
180
280
350
440
680
1000
1200
1360
1600
5
5
5
5
6.3
8
10
10
12.5
16
16
18
x
x
x
x
x
x
x
x
x
x
x
x
11
11
11
11
11.2
11.5
12.5
16
20
25
31.5
35.5
50
90
110
130
180
310
390
480
850
1200
1300
1500
5
5
5
6.3
8
10
10
10
12.5
16
18
x
x
x
x
x
x
x
x
x
x
x
11
11
11
11.2
11.5
12.5
16
20
25
31.5
35.5
60
95
110
130
210
350
440
550
900
1250
1400
5
5
5
5
5
5
5
5
5
5
6.3
6.3
8
10
10
12.5
16
18
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
11
11
11
11
11
11
11
11
11
11
11.2
11.2
11.5
16
20
20
25
35.5
1.3
2.9
4.4
5
10
20
35
45
65
100
110
130
250
400
500
650
1050
1300
5
6.3
6.3
8
10
10
12.5
12.5
16
x
x
x
x
x
x
x
x
x
11
11.2
11.2
11.5
12.5
20
20
25
31.5
70
105
130
160
270
450
550
750
1100
Cap. ( F)
W.V. (V)
0.47
1.0
2.2
3.3
4.7
10
22
33
47
100
220
330
470
(R47)
(010)
(2R2)
(3R3)
(4R7)
(100)
(220)
(330)
(470)
(101)
(221)
(331)
(471)
100( 2A)
160 (2C)
200 (2D)
250 (2E)
350 (2V)
400 (2G)
450(2W)
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
5
5
5
5
5
6.3
8
10
10
12.5
16
16
16
11
11
11
11
11
11.2
11.5
12.5
16
20
25
25
31.5
10
20
30
40
50
70
115
145
180
350
550
700
900
5
6.3
6.3
6.3
8
10
10
10
12
16
18
11
11.2
11.2
11.2
11.5
12.5
16
20
20
25
31.5
9.5
13
22
31
40
66
110
144
180
300
510
6.3
6.3
8
10
10
10
12.5
12.5
16
11.2
11.2
11.5
12.5
16
20
20
25
31.5
16
27
36
45
72
126
160
193
330
6.3
8
10
10
10
12.5
12.5
16
18
11.2
11.5
12.5
12.5
16
20
25
25
31.5
18
31
40
49
81
144
171
210
320
6.3
10
10
10
10
12.5
16
16
11.2
12.5
16
16
20
25
25
31.5
18
28
35
40
70
110
140
170
8
10
10
10
12.5
16
16
16
11.5
12.5
16
16
20
25
25
31.5
18
28
35
45
70
110
140
170
10
10
10
12.5
12.5
16
18
12.5
16
20
20
25
31.5
31.5
19
29
35
50
75
110
150
h
h
h
h
h
h
h
h
h
s Case size / Ripple current
Case size
Ripple
Current
Discontinued
Mar. 2005


Similar Part No. - ECEA50U0R1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA50U0R1W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA_11 Datasheet
245Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA Datasheet
150Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com