Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCA200RNPRSP-010 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # WCA200RNPRSP-010
Description  Wireless Global Limit Switch (EN 50041)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

WCA200RNPRSP-010 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button WCA200RNPRSP-010 Datasheet HTML 2Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 3Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 4Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 5Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 6Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 7Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 8Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 9Page - Honeywell Solid State Electronics Center WCA200RNPRSP-010 Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Wireless Limit Switches
Honeywell Sensing and Control
9
STANDARD ACCESSORIES
Part Number
Description
WAN03RSP
Flat wireless antenna with 3 dBi gain, reverse polarity SMA plug, adhesive mount with 10 ft of cable
WAN06RNJ
Straight wireless antenna with 8 dBi gain, reverse polarity N jack, bracket mount with 1 ft of cable
WAN01RSP
Straight wireless antenna with 2.1 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA)
WAN02RSP
Tilt/swivel wireless antenna with 2.1 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA)
WAN04RSP
Tilt/swivel wireless antenna with 5.5 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA)
WAN05RSP
Tilt/swivel wireless antenna with 9 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA)
WCA200RNPRSP-002
200 Series coax cable assembly, reverse polarity N plug, reverse polarity SMA plug, 2 ft of cable
WCA200RNPRSP-010
200 Series coax cable assembly, reverse polarity N plug, reverse polarity SMA plug, 10 ft of cable
WAMM100RSP-005
Magnetic antenna mounting, 100 Series coax cable, reverse polarity SMA plug with 5 ft of cable
WAMM100RSP-010
Magnetic antenna mounting, 100 Series coax cable, reverse polarity SMA plug with 10 ft of cable


Similar Part No. - WCA200RNPRSP-010

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WCA AITSEMI-WCA Datasheet
371Kb / 7P
   CHIP INDUCTOR
logo
IRC - a TT electronics ...
WCA-0804-1002-JPLT IRCTT-WCA-0804-1002-JPLT Datasheet
160Kb / 2P
   WCA Series
WCA-WCC-08-04-102-F-P IRCTT-WCA-WCC-08-04-102-F-P Datasheet
325Kb / 2P
   Thickfilm Chip Array Resistor Network
WCA-WCC-08-04-102-J-P IRCTT-WCA-WCC-08-04-102-J-P Datasheet
325Kb / 2P
   Thickfilm Chip Array Resistor Network
logo
AiT Semiconductor Inc.
WCA160808 AITSEMI-WCA160808 Datasheet
371Kb / 7P
   CHIP INDUCTOR
More results

Similar Description - WCA200RNPRSP-010

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
GSAA20A1B-1 HONEYWELL-GSAA20A1B-1 Datasheet
225Kb / 1P
   GLOBAL SAFETY SWITCH
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com