Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43255A5107M000 Datasheet(PDF) 2 Page - EPCOS

Part # B43255A5107M000
Description  Alu-X product lines Snap-in capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43255A5107M000 Datasheet(HTML) 2 Page - EPCOS

  B43255A5107M000 Datasheet HTML 1Page - EPCOS B43255A5107M000 Datasheet HTML 2Page - EPCOS B43255A5107M000 Datasheet HTML 3Page - EPCOS B43255A5107M000 Datasheet HTML 4Page - EPCOS B43255A5107M000 Datasheet HTML 5Page - EPCOS B43255A5107M000 Datasheet HTML 6Page - EPCOS B43255A5107M000 Datasheet HTML 7Page - EPCOS B43255A5107M000 Datasheet HTML 8Page - EPCOS B43255A5107M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Snap-in capacitors
B43255
Long life – 105
°C
2
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Long life grade capacitors
Applications
Frequency converters
Professional power supplies in industrial electronics
Features
High reliability
High CV product
RoHS-compatible
Long load life of 5000 h at 105
°C
Construction
Aluminum case, fully insulated
Snap-in solder pins to hold component in place on PC-board
Minus pole marking on the insulating sleeve
Case with safety vent
Specifications and characteristics in brief
Rated voltage VR
200 … 450 V DC
Operating temperature
range
VR ≤ 400 V DC: –40 °C … +105 °C
VR ≥ 450 V DC: –25 °C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
47 … 1500
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
5000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 minutes)
Dissipation factor (max.)
(20
°C, 120 Hz)
VR (V DC)
200 ... 400
450
tan
δ
0.15
0.20
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
200 ... 400
450
48
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the require-
ment of load life test after reforming process. After test: VR to be applied
for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz
1 kHz
10 kHz
20 kHz
0.90
1.00
1.20
1.50
1.55
Temperature multiplier
for rated ripple current
+40
°C
+55
°C+70 °C
+85
°C
+105
°C
2.7
2.5
2.1
1.7
1.0
Ileak 0.02 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞
Z 25 °C
()
Z +20 °C
()
---------------------------
Snap-in capacitors
B43255
Long life – 105
°C
AEC-C_B43255.book Seite 2 Mittwoch, 16. April 2008 1:56 13


Similar Part No. - B43255A5107M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43252 EPCOS-B43252 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0107M000 EPCOS-B43252A0107M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0127M000 EPCOS-B43252A0127M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0157M000 EPCOS-B43252A0157M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0187M000 EPCOS-B43252A0187M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B43255A5107M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43231A9477M EPCOS-B43231A9477M Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors Alu-X product lines
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com