Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7568IAPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7568IAPWR
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568IAPWR Datasheet(HTML) 4 Page - Texas Instruments

  DAC7568IAPWR Datasheet HTML 1Page - Texas Instruments DAC7568IAPWR Datasheet HTML 2Page - Texas Instruments DAC7568IAPWR Datasheet HTML 3Page - Texas Instruments DAC7568IAPWR Datasheet HTML 4Page - Texas Instruments DAC7568IAPWR Datasheet HTML 5Page - Texas Instruments DAC7568IAPWR Datasheet HTML 6Page - Texas Instruments DAC7568IAPWR Datasheet HTML 7Page - Texas Instruments DAC7568IAPWR Datasheet HTML 8Page - Texas Instruments DAC7568IAPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7V to 5.5V and over –40°C to +125°C (unless otherwise noted).
DAC7568/DAC8168/DAC8568
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE(3)
SNR
83
dB
TA = +25°C, BW = 20kHz, AVDD = 5V, fOUT = 1kHz,
THD
–63
dB
first 19 harmonics removed for SNR calculation,
SFDR
63
dB
at 16-bit level
SINAD
62
dB
DAC output noise density
TA = +25°C, at zero-code input, fOUT = 1kHz
90
nV/
√Hz
DAC output noise
TA = +25°C, at mid-code input, 0.1Hz to 10Hz
2.6
µV
PP
REFERENCE
AVDD = 5.5V
360
µA
Internal reference current consumption
AVDD = 3.6V
348
µA
External VREF = 2.5V (when internal reference is
External reference current
80
µA
disabled), all eight channels active
Grades A/B, AVDD = 2.7V to 5.5V
0
AVDD
V
VREFIN
Reference input range
Grades C/D, AVDD = 5.0V to 5.5V
0
AVDD/2
V
Reference input impedance
8
k
REFERENCE OUTPUT
Output voltage
TA = +25°C; all grades
2.4995
2.5
2.5005
V
Initial accuracy
TA = +25°C, all grades
–0.02
±0.004
0.02
%
DAC7568/DAC8168/DAC8568(4),grades A/B
5
25
Output voltage temperature drift
ppm/°C
DAC7568/DAC8168/DAC8568(5), grades C/D
2
5
Output voltage noise
f = 0.1Hz to 10Hz
12
µV
PP
TA = +25°C, f = 1MHz, CL = 0µF
50
Output voltage noise density
TA = +25°C, f = 1MHz, CL = 1µF
20
nV/
√Hz
(high-frequency noise)
TA = +25°C, f = 1MHz, CL = 4µF
16
Load regulation, sourcing(6)
TA = +25°C
30
µV/mA
Load regulation, sinking(6)
TA = +25°C
15
µV/mA
Output current load capability(3)
±20
mA
Line regulation
TA = +25°C
10
µV/V
Long-term stability/drift (aging)(6)
TA = +25°C, time = 0 to 1900 hours
50
ppm
First cycle
100
Thermal hysteresis(6)
ppm
Additional cycles
25
LOGIC INPUTS(3)
Input current
±1
µA
VINL
Logic input LOW voltage
2.7V
≤ AVDD ≤ 5.5V
0.8
V
VINH
Logic input HIGH voltage
2.7V
≤ AVDD ≤ 5.5V
1.8
V
Pin capacitance
3
pF
(3)
Specified by design or characterization; not production tested.
(4)
Reference is trimmed and tested at room temperature, and is characterized from –40°C to +125°C.
(5)
Reference is trimmed and tested at two temperatures (+25°C and +105°C), and is characterized from –40°C to +125°C.
(6)
Explained in more detail in the Application Information section of this data sheet.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568


Similar Part No. - DAC7568IAPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568IAPWR TI-DAC7568IAPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568IAPWR TI-DAC7568IAPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC7568IAPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com