Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541BPWRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD4541BPWRE4
Description  CMOS Programmable Timer High Voltage Types (20V Rating)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4541BPWRE4 Datasheet(HTML) 3 Page - Texas Instruments

  CD4541BPWRE4 Datasheet HTML 1Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 2Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 3Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 4Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 5Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 6Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 7Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 8Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply - Voltage Range, VDD
Voltages Referenced to VSS Terminal . . . . . . . . . . -0.5V to +20V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . .
±10mA
Device Dissipation Per Output Transistor
For TA = Full Package Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Conditions
Temperature Range TA . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Supply Voltage Range
For TA = Full Package Temperature Range . . . . .3V (Min), 18V (Typ)
Package Thermal Impedance,
θJA (see Note 1)
PDIP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80oC/W
SOIC package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86oC/W
SOP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76oC/W
TSSOP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .113oC/W
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range (TSTG) . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s)
At Distance 1/16in
± 1/32in (1.59mm ±0.79mm)
from case for 10s Maximum . . . . . . . . . . . . . . . . . . . . . . . . 265oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
Electrical Specifications
PARAMETER
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (oC)
UNITS
VO
(V)
VIN
(V)
VDD
(V)
-55
-40
85
125
25
MIN
TYP
MAX
Quiescent Device
Current,
(Note 2) IDD (Max)
-
0, 5
5
5
5
150
150
-
0.04
5
μA
-
0, 10
10
10
10
300
300
-
0.04
10
μA
-
0, 15
15
20
20
600
600
-
0.04
20
μA
-
0, 20
20
100
100
3000
3000
-
0.08
100
μA
Output Low (Sink)
Current lOL (Min)
0.4
0, 5
5
1.9
1.85
1.26
1.08
1.55
3.1
-
mA
0.5
0, 10
10
5
4.8
3.3
2.8
4
8
-
mA
1.5
0, 15
15
12.6
12
8.4
7.2
10
20
-
mA
Output High (Source)
Current, IOH (Min)
4.6
0, 5
5
-1.9
-1.85
-1.26
-1.08
-1.55
-3.1
-
mA
2.5
0, 5
5
-6.2
-6
-4.1
-3
-5
-10
-
mA
9.5
0, 10
10
-5
-4.8
-3.3
-2.8
-4
-8
-
mA
13.5
0, 15
15
-12.6
-12
-8.4
-7.2
-10
-20
-
mA
Output Voltage:
Low-Level, VOL (Max)
-
0, 5
5
-
0.05
-
0
0.05
V
-
0, 10
10
-
0.05
-
0
0.05
V
-
0, 15
15
-
0.05
-
0
0.05
V
Output Voltage:
High-Level, VOH (Min)
-
0, 5
5
-
4.95
4.95
5
-
V
-
0, 10
10
-
9.95
9.95
10
-
V
-
0, 15
15
-
14.95
14.95
15
-
V
Input Low Voltage,
VIL (Max)
0.5, 4.5
-
5
-
1.5
-
-
1.5
V
1, 9
-
10
-
3
-
-
3
V
1.5, 13.5
-
15
-
4
-
-
4
V
CD4541B


Similar Part No. - CD4541BPWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541BPWRE4 TI-CD4541BPWRE4 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
More results

Similar Description - CD4541BPWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Harris Corporation
CD4541B HARRIS-CD4541B Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541B TI-CD4541B_10 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com