Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA160UR22W Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEA160UR22W
Description  Aluminium Electrolytic Capacitors/SU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA160UR22W Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEA160UR22W Datasheet HTML 1Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 2Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 3Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 4Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 5Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 6Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 7Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 8Page - Panasonic Semiconductor ECEA160UR22W Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Aluminum Electrolytic Capacitor
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE16 –
Application Guidelines
1. Circuit Design
Ensure that operational and mounting conditions
follw the specified conditions detailed in the catalog
and specification sheets.
1.1 Operating Temperature and Frequency
Electrolytic capacitor electr ical par ameters are
nor mally specified at 20
°C temperature and 120Hz
frequency. These parameter s var y with changes in
temper ature and fr equency. Circuit designers
should take these changes into consideration.
(1) Effects of oper ating temper ature on electr ical
parameters
a)At higher temper atures, leakage current and
capacitance increase while equivalent series
resistance(ESR) decreases.
b)A t l o w er temperatures , leakage current and
capacitance decrease while equivalent series
resistance(ESR) increases.
(2) Effects of frequency on electr ical par ameters
a)At higher frequencies , capacitance and
impedance decrease while tan
δ increases.
b)At lower frequencies, r ipple current generated
heat will r ise due to an increase in equivalent
ser ies resistance (ESR).
1.2 Operating Temperature and Life Expectancy
(1) Expected life is affected by operating temperature.
Generally, each 10
°C reduction in temperature
will double the expected life. Use capacitors at
the lo w est possib le tem p e r ature belo w the
maximum guaranteed temperature.
(2) If oper ating conditions e xceed the maxim u m
guaranteed limit, rapid eIectr ical par ameter
deterioration will occur, and irreversible damage
will result.
Check for maximum capacitor operating tempera-
tures including ambient temperature, inter nal
capacitor temperature rise caused by ripple current,
and the eff ects of radiated heat from po wer
transistors, IC?s or resistors.
Avoid placing components which could conduct
heat to the capacitor from the back side of the circuit
board.
(3)The for mula for calculating expected Iife at lower
operating temperatures is as fllows;
L2 = L1 x 2
where,
L1: Guaranteed life (h) at temperature, T1
° C
L2: Expected life (h) at temperature,T2
°C
T1: Maximum operating temperature (
°C)
T2: Actual operating temperature, ambient
temperature + temperature rise due to
ripple currentheating(
°C)
A quick eference capacitor guide for estimating
exected life is included for your reference.
2000
5000
10,000
20,000
50,000 100,000 200,000
120
110
100
90
80
70
60
50
40
8h/d
1
2
3
4
5
7
20
3
6
10
15
20
30
s Expected Life Estimate Quick Reference Guide
s Failure rate curve
1. 85
°C2000h
2.105
°C1000h
3.105
°C2000h
4.105
°C5000h
1
2
3
4
(h)
Years
Years
24h
operat-
ion
Time
Initial failure period
Life Time
Random failure period
Wear failure period
T1
-T2
10
Mar. 2005


Similar Part No. - ECEA160UR22W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1AKA101 PANASONIC-ECEA1AKA101 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA1AKA101 PANASONIC-ECEA1AKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1AKA101 PANASONIC-ECEA1AKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1AKA101 PANASONIC-ECEA1AKA101 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1AKA101 PANASONIC-ECEA1AKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA160UR22W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA_11 Datasheet
245Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA Datasheet
150Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com