Electronic Components Datasheet Search |
|
ECQU3A334MG Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECQU3A334MG Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors Metallized Polyester Film Capacitor Type: ECQUG[Class X1] In accordance with UL/CSA and European safety regulation class X1 Features •Equipped with a safety mechanism •Flame-retardant plastic case and non combustible resin •RoHS directive compliant Recommended Applications •Interference suppressors Explanation of Part Numbers 123456789 10 11 E C Q U 3 A Product code Dielectric & construction Rated vol. Capacitance M G Cap. Tol. Suffix Applicable Standard UL CSA UL 1414 CSA C22.2 No.1 Across-The-Line Capacitors Antenna-Coupling and Line-By-Pass Components Across-the-line capacitors Antenna-Isolation and line-by-pass capacitors SEMKO DEMKO NEMKO FIMKO VDE SEV IEC 60384-14 EN 132400 Class X1 ❈When applying this capacitor to European and American safety standards, please use type designation and rating such as ECQUG, 0.1 µF. ❈Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.. ❈European standards marking are VDE and FIMKO only. But, there are no problem using this capacitor in a device which will get approvals from certification bodies in Europe, SEMKO, DEMKO, NEMKO and SEV etc. except VDE and FIMKO. Specifications Category temp. range Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) -40 ˚C to +100 ˚C (85 ˚C max. on UL/CSA spec.) 300 VAC (IEC60384-14), 250 VAC (UL, CSA) 0.010 µF to 1.0 µF (E6) ±20 % (M) tan < =1.0 % (20 ˚C, 1 kHz) Withstand voltage Between terminals : 575 VAC, 1768 VDC, 60 s Between terminals to enclosure : 2100 VAC, 60 s Insulation resistance (IR) C< =0.33 µF : IR> =15000 M Ω (20 ˚C, 100 VDC, 60 s) C>0.33 µF : IR> =5000 M Ω · µF (20 ˚C, 100 VDC, 60 s) IR> =2000 M Ω (20 ˚C, 500 VDC, 60 s) M ±20 % ❈ Use of this capacitor is limited to AC voltage (50 Hz or 60 Hz sine wave). |
Similar Part No. - ECQU3A334MG |
|
Similar Description - ECQU3A334MG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |