Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A682MYY Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU2A682MYY
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A682MYY Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU2A682MYY Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A682MYY Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
L max.
Marking
F±1.0
T max.
ød±0.05
Copper-clad steel-
wire
L max.
S±0.8
S±0.8
Marking
L max.
Marking
STYLE
A side
B side
1
(0.0010
µF to
0.022
µF)
2
(0.027
µF to
0.047
µF)
.001
µF K
.047 µF K
250 V~ Y3/X2
ECQ-UY
40/100/21
V
DE
132400
Date code
Marking example
GMF MKT
L
L
2
40/100/21
V
DE
132400
GMF MKT
L
L
2
250 V~Y3/X2
ECQ-UY
Style B
Style D
Crimped lead
(Suffix B)
Straight
IPackaging Specifications for Bulk Package
Packing quantity: 100 pcs./bag
IRating & Dimensions
G Capacitance tolerance : ±10 %(K), ±20 %(M)
Straight Crimped lead
Dimensions (mm)
Lmax.
Tmax.
FS
Straight Crimped lead
ød
ECQU2A102 MY( )
ECQU2A122 MY( )
ECQU2A152 MY( )
ECQU2A182 MY( )
ECQU2A222 MY( )
ECQU2A272 MY( )
ECQU2A332 MY( )
ECQU2A392 MY( )
ECQU2A472 MY( )
ECQU2A562 MY( )
ECQU2A682 MY( )
ECQU2A822 MY( )
ECQU2A103 MY( )
ECQU2A123 MY( )
ECQU2A153 MY( )
ECQU2A183 MY( )
ECQU2A223 MY( )
ECQU2A273 MY( )
ECQU2A333 MY( )
ECQU2A393 MY( )
ECQU2A473 MY( )
Part No.
Cap.
(µF)
0.0010
12.0
6.0
11.5
16.5
10.0
7.5
0.60
0.0012
12.0
6.0
11.5
16.5
10.0
7.5
0.60
0.0015
12.0
6.5
11.5
16.5
10.0
7.5
0.60
0.0018
12.0
6.5
11.5
16.5
10.0
7.5
0.60
0.0022
12.0
6.5
11.5
16.5
10.0
7.5
0.60
0.0027
12.0
6.5
11.5
16.5
10.0
7.5
0.60
0.0033
12.0
7.0
12.0
17.0
10.0
7.5
0.60
0.0039
12.0
7.0
12.5
17.5
10.0
7.5
0.60
0.0047
12.0
7.5
13.5
18.5
10.0
7.5
0.60
0.0056
12.0
8.5
14.0
19.0
10.0
7.5
0.60
0.0068
18.5
7.5
13.0
18.0
15.0
7.5
0.80
0.0082
18.5
7.5
13.5
18.5
15.0
7.5
0.80
0.010
18.5
7.5
15.0
20.0
15.0
7.5
0.80
0.012
18.5
8.5
15.5
20.5
15.0
7.5
0.80
0.015
18.5
9.0
16.5
21.5
15.0
7.5
0.80
0.018
18.5
10.0
17.5
22.5
15.0
7.5
0.80
0.022
18.5
11.0
18.0
23.0
15.0
7.5
0.80
0.027
23.5
9.5
16.5
21.5
20.0
15.0
0.80
0.033
23.5
10.0
17.5
22.5
20.0
15.0
0.80
0.039
23.5
11.0
18.5
23.5
20.0
15.0
0.80
0.047
23.5
12.0
20.0
25.0
20.0
15.0
0.80
Suffix for lead crimped
Cap. tol.code
H max.
Style D: 0.0010 µF to 0.0056 µF
Style B: 0.0068 µF to 0.047 µF
L
L


Similar Part No. - ECQU2A682MYY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A682ML PANASONIC-ECQU2A682ML Datasheet
84Kb / 2P
   Plastic Film Capacitors
ECQU2A682ML PANASONIC-ECQU2A682ML Datasheet
71Kb / 2P
   Interference Suppression Capacitor
ECQU2A682ML PANASONIC-ECQU2A682ML Datasheet
71Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQU2A682MN PANASONIC-ECQU2A682MN Datasheet
50Kb / 2P
   Plastic Film Capacitors
ECQU2A682MN PANASONIC-ECQU2A682MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
More results

Similar Description - ECQU2A682MYY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com