Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELKEA470FA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELKEA470FA
Description  Coil type EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELKEA470FA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELKEA470FA Datasheet HTML 1Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 2Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 3Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 4Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 5Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Coil type EMI Filters
300
Time
200
260
°C max.
180
°C
230
°C
150
°C
100
60 to 120 s
30 to 40 s
0
0.8
2.3
3.2
1.8
P/N, Date Code
5.0
2.2
0.8
Content indication
Top tape
Embossed carrier tape
Reel
Pulling direction
Reel
Product Pocket
Empty Pocket
Leader tape
Terminal
Product
Soldering conditions for reflow
Dimensions in mm (not to scale)
Land Pattern in mm (not to scale)
Reel Size
:
φ178
Q’ty
: 2000 pcs./Reel
Packaging : Embossed taping
Packaging state
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –20 to +85 °C
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
Nov. 2007


Similar Part No. - ELKEA470FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELKEA470FA PANASONIC-ELKEA470FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA470FA PANASONIC-ELKEA470FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA470FA PANASONIC-ELKEA470FA Datasheet
141Kb / 6P
   Coil type EMI Filters
More results

Similar Description - ELKEA470FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELK-EA333FA PANASONIC-ELK-EA333FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELKE PANASONIC-ELKE Datasheet
133Kb / 2P
   Coil type EMI Filters (DNF)
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELK-E333FA PANASONIC-ELK-E333FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com