Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERQ12AJ101P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERQ12AJ101P
Description  Metal Film Fusing Resistors, ERQA, Z
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERQ12AJ101P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERQ12AJ101P Datasheet HTML 1Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 2Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 3Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 4Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 5Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 6Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 7Page - Panasonic Semiconductor ERQ12AJ101P Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film
Fusing Resistors, ERQA, Z
Metal Film Fusing Resistors
Type:
ERQA
ERQZ
(0.25 W, 0.5 W, 1 W, 2 W coating type)
Features
● Accurate fusing
● Small size and lightweight
● Uniform quality, consistent performance and reliability
● Flame retardant, utilizing exclusive silicon insulation material
● Reference Standard
EIAJ RC-2125
Construction and Materials
Metal alloy film
Spiraling turns
Ceramic core
End cap
Lead wire
Insulative lacquer
Marking
Feb. 2006


Similar Description - ERQ12AJ101P

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com