Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERQ14AJ101E Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERQ14AJ101E
Description  Metal Film Fusing Resistors, ERQA, Z
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERQ14AJ101E Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERQ14AJ101E Datasheet HTML 1Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 2Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 3Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 4Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 5Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 6Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 7Page - Panasonic Semiconductor ERQ14AJ101E Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film
Fusing Resistors, ERQA, Z
120
100
80
60
40
20
0
–60 –40 –20
0
20 40 60 80 100 120 140 160 180 200 220
Ambient temperature (˚C)
–30 ˚C
70 ˚C
150 ˚C
130 ˚C
ERQ14
ERQ12
ERQ1
ERQ2
E
1
R
2
Q
3
4
2
5
A
6
B
7
J
8
1
9
0
10
1
11
Product Code
Power Rating at
70
°C amb.
14
12
0.25 W
0.5 W
Special Feature
A
Z
Standard
Less than 2
Resistance
Tolerance
J
±5%
Resistance Value
The first two digits are
significant figures of
resistance and the third
one denotes number of
zeros following.Decimal
point is expressed by R as
2.2=2R2.
Suffix for Packaging and/or
Cut & Formed Leads
Nil
P
P···S
E
W···E
Std.bulk packing
P type cut & formed
P···S type cut & formed
Radial Taped & Box
Radial Taped & Box
12
Metal Film
Fusing Resistors
1
2
1W
2W
AB
Z
Standard
Less than 2
The above example shows a standard Metal Film Fusing Resistors, 2 W power rating, resistance value of 100
, tolerance of ±5 %, and package of
standard bulk packing.
Ratings
Explanation of Part Numbers
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Type
Power
Rating
at 70°C
(W)
Maximum
Open
Circuit
Voltage
(1)
(V)
Maximum
Overload
Voltage
Dielectric
With-
standing
Voltage
(V)
Resistance
Tolerance
(%)
Resistance
Range ( )
T.C.R.
[ 10
-6/°C
(ppm/°C)]
Standard
Resistance
Values
Marking
Method
on Body
Mass
(Weight)
[g/pc.]
min.
max.
ERQ14Z
0.25
200
3 times of
rated
voltage
(2)
AC 350
J (± 5)
1.0
1.8
±350
E24
Color
code
0.24
(0.53 lbs.)
ERQ14A
2.0
470
ERQ12Z
0.5
250
AC 350
J (± 5)
1.0
1.8
±350
E24
Color
code
0.32
(0.71 lbs.)
ERQ12A
2.0
560
ERQ1Z
1
250
AC 600
J (± 5)
1.0
1.8
±350
E24
Stamp
0.64
(1.41 lbs.)
ERQ1AB
2.0
560
ERQ2Z
2
250
AC 1000
J (± 5)
1.0
1.8
±350
E24
Stamp
1.54
(3.35 lbs.)
ERQ2AB
2.0
560
(1) Maximum Open Circuit Voltage: Referring to the maximum value of the voltage applied between terminals of the resistor when the resistor is opened
in an electric circuit 1000 times power rating or voltage specified above whichever less is regarded as the maximum open circuit voltage.
(2) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Power Rating Resistance Value
Feb. 2006


Similar Description - ERQ14AJ101E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com