Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX232EIDG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # MAX232EIDG4
Description  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX232EIDG4 Datasheet(HTML) 4 Page - Texas Instruments

  MAX232EIDG4 Datasheet HTML 1Page - Texas Instruments MAX232EIDG4 Datasheet HTML 2Page - Texas Instruments MAX232EIDG4 Datasheet HTML 3Page - Texas Instruments MAX232EIDG4 Datasheet HTML 4Page - Texas Instruments MAX232EIDG4 Datasheet HTML 5Page - Texas Instruments MAX232EIDG4 Datasheet HTML 6Page - Texas Instruments MAX232EIDG4 Datasheet HTML 7Page - Texas Instruments MAX232EIDG4 Datasheet HTML 8Page - Texas Instruments MAX232EIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MAX232E
SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009
www.ti.com
DRIVER SECTION
abc
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT
RL = 3 kΩ to GND
5
7
V
VOL
Low-level output voltage(3)
DOUT
RL = 3 kΩ to GND
–7
–5
V
ro
Output resistance
DOUT
VS+ = VS– = 0,
VO = ±2 V
300
IOS
Short-circuit output current
DOUT
VCC = 5.5 V,
VO = 0
±10
mA
(4)
IIS
Short-circuit input current
DIN
VI = 0
200
μA
(1)
Test conditions are C1–C4 = 1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for logic
voltage levels only.
(4)
Not more than one output should be shorted at a time.
Switching Characteristics
(1)
VCC = 5 V, TA = 25°C (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Driver slew rate
RL = 3 kΩ to 7 kΩ, See Figure 2
30
V/
μs
SR(t)
Driver transition region slew rate
See Figure 3
3
V/
μs
Data rate
One DOUT switching
250
kbit/s
(1)
Test conditions are C1–C4 = 1
μF at VCC = 5 V ± 0.5 V.
ESD protection
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
kV
DOUT, RIN
IEC61000-4-2, Air-Gap Discharge
±15
kV
IEC61000-4-2, Contact Discharge
±8
kV
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX232E


Similar Part No. - MAX232EIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232EIDG4 TI-MAX232EIDG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232EIDG4 TI-MAX232EIDG4 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIDG4 TI-MAX232EIDG4 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
More results

Similar Description - MAX232EIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com