Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX232EIDRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232EIDRG4
Description  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX232EIDRG4 Datasheet(HTML) 3 Page - Texas Instruments

  MAX232EIDRG4 Datasheet HTML 1Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 2Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 3Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 4Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 5Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 6Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 7Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 8Page - Texas Instruments MAX232EIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MAX232E
www.ti.com
SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Input supply voltage range(2)
–0.3
6
V
VS+
Positive output supply voltage range
VCC – 0.3
15
V
VS–
Negative output supply voltage range
–0.3
–15
V
Driver
–0.3
VCC + 0.3
VI
Input voltage range
V
Receiver
±30
DOUT
VS– – 0.3
VS+ + 0.3
VO
Output voltage range
V
ROUT
–0.3
VCC + 0.3
Short-circuit duration
DOUT
Unlimited
D package
73
DW package
57
θJA
Package thermal impedance(3) (4)
°C/W
N package
67
PW package
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage (DIN1, DIN2)
2
V
VIL
Low-level input voltage (DIN1, DIN2)
0.8
V
Receiver input voltage (RIN1, RIN2)
±30
V
MAX232EC
0
70
TA
Operating free-air temperature
°C
MAX232EI
–40
85
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
ICC
Supply current
VCC = 5.5 V,
All outputs open, TA = 25°C
8
10
mA
(1)
Test conditions are C1–C4 = 1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): MAX232E


Similar Part No. - MAX232EIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232EIDRG4 TI-MAX232EIDRG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232EIDRG4 TI-MAX232EIDRG4 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIDRG4 TI-MAX232EIDRG4 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIDRG4 TI1-MAX232EIDRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
More results

Similar Description - MAX232EIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com