Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1510-S-8-L80-T Datasheet(PDF) 9 Page - GSI Group, Inc.

Part # M1510-S-8-L80-T
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-8-L80-T Datasheet(HTML) 9 Page - GSI Group, Inc.

  M1510-S-8-L80-T Datasheet HTML 1Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 2Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 3Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 4Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 5Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 6Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 7Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 8Page - GSI Group, Inc. M1510-S-8-L80-T Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS-M1500 H&S Rev H © 2009 MicroE Systems
Page 9 of 9
M
Miic
crro
oE
E S
Syysstte
em
mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730
www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112
Example (Linear Encoder): M1510-S-8-L55-C1 Example (Rotary Encoder): M1510-S-40-R1910-HA
M15XX
Connector Type – Interpolation
– Scale Model – Scale Mounting
M1510 = 1m cable
4 = 4x
Lxxx or Rxxxx
For linear scales:
M1520 = 2m cable
8 = 8x
T = Tape mounting
M1550 = 5m cable
20 = 20x
C1 = 3 scale clamps*
40 = 40x
C2 = 10 scale clamps**
Hubs for Rotary Scales:
NH = Without Hub
HE = for R1206
HA = for R1910
HB = for R3213
HC = for R5725
HD = for R10851
How to Order Mercury 1500 Encoder Systems
To specify your Mercury encoder with the desired scale, level of interpolation, maximum output frequency, cable length and software,
consult the chart below to create the correct part number for your order. Call MicroE Systems’ Rapid Customer Response team for
more information [508] 903-5000.
* 3 clamps for linear scales up to 130mm
** 10 clamps for linear scales 155mm or longer
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
S = Standard
15 pin D-sub
H = Micro-
connector
All Specifications are subject to change. All
data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
How to Order SmartPrecision Alignment Tool
How to Order SmartPrecision Software
SSWA-AT = SmartPrecision software on CD
Optional for SSAT1500 Alignment Tool
SmartPrecision Software
Example: Alignment Tool for Mercury 1500 encoder, 120 VAC = SSAT1500-H-120
SSAT1500
Connector
Voltage
H = micro connector
for M1500H
S = 15-pin Std. D-sub connector for
M1500S
120 = 120 VAC, 60Hz US Std. 2-prong plug
220 = 220 VAC, 50Hz European Std. 2-prong plug


Similar Part No. - M1510-S-8-L80-T

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1510-2 MOSDESIGN-M1510-2 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
M1510-8 MOSDESIGN-M1510-8 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
More results

Similar Description - M1510-S-8-L80-T

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
NXP Semiconductors
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com